Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB10 Datasheet (PDF) - Rohm

EMB10 Datasheet PDF - Rohm
Part # EMB10
Download  EMB10 Download
File Size   73.58 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose (dual digital transistors)

EMB10 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMB10 Datasheet PDF - Rohm

Part # EMB10
Download  EMB10 Click to download

File Size   73.58 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose (dual digital transistors)

EMB10 Datasheet (HTML) - Rohm


EMB10 Product details

Features
1) Two DTA123J chips in a EMT or UMT or SMT package.
2) Mounting possible with EMT3 or UMT3 or SMT3 automatic mounting machines.
3) Transistor elements are independent, eliminating interference.
4) Mounting cost and area can be cut in half.

Application
    INVERTER, INTERFACE, DRIVER




Similar Part No. - EMB10

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB10 ROHM-EMB10 Datasheet
124Kb / 3P
General purpose (dual digital transistors)
EMB10 ROHM-EMB10 Datasheet
486Kb / 8P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB10 ROHM-EMB10 Datasheet
1Mb / 11P
General purpose Dual digital transistor
logo
Schneider Electric
EMB1010 SCHNEIDER-EMB1010 Datasheet
54Kb / 1P
ENERGY METER BASIC 100A 518X1.28 ID
May 21, 2020
EMB1021 SCHNEIDER-EMB1021 Datasheet
59Kb / 2P
Square D - PowerLogic Energy Meter, Basic 200A
May 21, 2020
More results


Similar Description - EMB10

ManufacturerPart #DatasheetDescription
logo
Rohm
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
General purpose (dual digital transistors)
IMB5A ROHM-IMB5A Datasheet
63Kb / 3P
General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
General purpose transistors (dual digital transistors)
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
General purpose transistors (dual digital transistors)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com