Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS501-DPK Datasheet (PDF) - Integrated Circuit Systems

ICS501-DPK Datasheet PDF - Integrated Circuit Systems
Part # ICS501-DPK
Download  ICS501-DPK Download
File Size   113.88 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOCO PLL CLOCK MULTIPLIER

ICS501-DPK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS501-DPK Datasheet PDF - Integrated Circuit Systems

Part # ICS501-DPK
Download  ICS501-DPK Click to download

File Size   113.88 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOCO PLL CLOCK MULTIPLIER

ICS501-DPK Datasheet (HTML) - Integrated Circuit Systems


ICS501-DPK Product details

Description

The ICS501B LOCOTM is the most cost effective way to generate a high-quality clock output from a lower frequency crystal or clock input. The name LOCO stands for Low Cost Oscillator, as it is designed to replace crystal oscillators inmost electronic systems. Using Phase-Locked Loop (PLL) techniques, the device uses a standard fundamental mode, inexpensive crystal to produce output clocks up to 20 MHz.



Features

• Packaged as 8 pin SOIC or die

• Available in Pb (lead) free package

• ICS’ lowest cost PLL clock

• Zero ppm multiplication error

• Input crystal frequency of 5 MHz

• Input clock frequency of 5 MHz

• Output clock frequencies up to 15 MHz

• Extremely low jitter of 25 ps (one sigma)

• Compatible with popular CPUs

• Duty cycle of 45/55 up to 20 MHz

• Nine selectable frequencies

• Operating voltage of 3.3 V or 5.5 V

• Tri-state output for board level testing

• 25 mA drive capability at TTL levels

• Ideal for oscillator replacement

• Industrial temperature version available

• Advanced, low-power CMOS process




Similar Part No. - ICS501-DPK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS501-DPK ICST-ICS501-DPK Datasheet
122Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 071304
ICS501-DPK ICST-ICS501-DPK Datasheet
113Kb / 6P
LOCO??PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501-DPK IDT-ICS501-DPK Datasheet
169Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
More results


Similar Description - ICS501-DPK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
LOCO??PLL Clock Multiplier
Revision 102504
logo
Integrated Device Techn...
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
ICS511 IDT-ICS511 Datasheet
150Kb / 11P
LOCO PLL CLOCK MULTIPLIER
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com