Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90495 Datasheet (PDF) - fujitsu semiconductor

MB90495 Datasheet PDF - fujitsu semiconductor
Part # MB90495
Download  MB90495 Download
File Size   484.09 Kbytes
Page   40 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller CMOS

MB90495 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90495 Datasheet PDF - fujitsu semiconductor

Part # MB90495
Download  MB90495 Click to download

File Size   484.09 Kbytes
Page   40 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller CMOS

MB90495 Datasheet (HTML) - fujitsu semiconductor


MB90495 Product details

OUTLINE
The MB90495-series with FULL-CAN interface and FLASH ROM is especially designed for automotive and industrial applications. Its main feature is the on-chip CAN Interface, which conforms to V2.0 Part A and Part B, while supporting a very flexible message buffer scheme, including 8 message buffers, and so offering more functions than a normal full CAN approach.

FEATURES
• 16-bit core CPU; 4MHz external clock (16 MHz internal, 62.5 ns instruction cycle time)
• 32kHz Subsystem Clock
• 0.5 mm CMOS Technology
• Internal voltage regulator supports 3V MCU core, offering low EMI and low power consumption figures
• 64 KB FLASH ROM; supports automatic programming, 10.000 erase cycles, 10 year data retention time and no second programming voltage required
• 2 KB static RAM
• FULL-CAN interface; conforming to Version 2.0 Part A and Part B, flexible message buffering (mailbox and FIFO buffering can be mixed)
• 2 UART’s; both offering synchronous communication modes.
• Powerful interrupt functions (8 programmable priority levels; 8 external interrupts)
• I/O Timer
• A/D Converter: 8 channel analogue inputs (Resolution 10 bits or 8 bits)
• ICU (Input capture) 16bit * 4ch
• PPG (Programmable Pulse Generator) 16bit * 2ch; Can be configured as 8bit * 4ch
• Optimised instruction set for controller applications (bit, byte, word and long-word data types; 23 different addressing modes; barrel shift; variety of pointers)
• 4-byte instruction execution queue
• Signed multiply (16bit*16bit) and divide (32bit/16bit) instructions available
• Program Patch Function
• Fast Interrupt processing
• 16-bit reload timer: 2 channels
• Low Power Consumption - Several different Lo-Power modes: (Sleep, Stop, Watch,...)
• Package: QFP-64; 12mm x 12mm body, 0.65mm pin pitch
                  QFP-64; 20mm x 18mm body, 1.0mm pin pitch




Similar Part No. - MB90495

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G_09 Datasheet
565Kb / 96P
16-bit Proprietary Microcontroller
More results


Similar Description - MB90495

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller CMOS
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com