Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5821 Datasheet (PDF) - Diode Semiconductor Korea

SM5821 Datasheet PDF - Diode Semiconductor Korea
Part # SM5821
Download  SM5821 Download
File Size   164.18 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SM5821 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5821 Datasheet PDF - Diode Semiconductor Korea

Part # SM5821
Download  SM5821 Click to download

File Size   164.18 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SM5821 Datasheet (HTML) - Diode Semiconductor Korea


SM5821 Product details

VOLTAGE RANGE: 20 --- 40 V

CURRENT: 3.0 A



FEATURES

◇ Metal-Semiconductor junction with guard ring

◇ Epitaxial construction

◇ Low forward voltage drop,low switching losses

◇ High surge capability

◇ For use in low voltage,high frequency inverters free wheeling,and polarity protection applications

◇ The plastic material carries U/L recognition 94V-0



 




Similar Part No. - SM5821

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SM5821 LUGUANG-SM5821 Datasheet
199Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
SM5821 HORNBY-SM5821 Datasheet
337Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Bytes
SM5821B BYTES-SM5821B Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM5821B UNIOHM-SM5821B Datasheet
65Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SUNMATE electronic Co.,...
SM5821B SUNMATE-SM5821B Datasheet
217Kb / 2P
3.0A Surface Mount Schottky Barrier Rectifier
More results


Similar Description - SM5821

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com