Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS120 Datasheet (PDF) - Diode Semiconductor Korea

SMS120 Datasheet PDF - Diode Semiconductor Korea
Part # SMS120
Download  SMS120 Download
File Size   220.92 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SURFACE MOUNT SCHOTTKY

SMS120 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMS120 Datasheet PDF - Diode Semiconductor Korea

Part # SMS120
Download  SMS120 Click to download

File Size   220.92 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SURFACE MOUNT SCHOTTKY

SMS120 Datasheet (HTML) - Diode Semiconductor Korea


SMS120 Product details

REVERSE VOLTAGE: 20 --- 100 V CURRENT: 1.0 A

FEATURES
◇ Plastic package has Underwriters Laborator
   Flammability Classification 94V-0
◇ For surface mounted applications
◇ Low profile package
◇ Built-in strain relief
◇ Metal silicon junction, majority carrier conduction
◇ High surge capability
◇ High current capability,low forward voltage drop
◇ Low power loss,high effciency
◇ For use in low voltage high frequency inverters,free
   wheeling and polarity protection applications
◇ Guardring for overvoltage protection
◇ High temperature soldering guaranteed:250°C/10
   seconds at terminals




Similar Part No. - SMS120

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120 Datasheet
170Kb / 2P
Surface Mount Schottky-Rectifiers
logo
Semikron International
SMS120 SEMIKRON-SMS120 Datasheet
138Kb / 2P
Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
logo
Semikron International
SMS120 SEMIKRON-SMS120 Datasheet
142Kb / 2P
Schottky barrier rectifiers diodes
logo
Galaxy Semi-Conductor H...
SMS120 BILIN-SMS120 Datasheet
213Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SMS120

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS40L TSC-TSS40L_14 Datasheet
175Kb / 4P
Surface Mount Schottky
TSS42L TSC-TSS42L_14 Datasheet
174Kb / 4P
Surface Mount Schottky
TSS54L TSC-TSS54L_14 Datasheet
178Kb / 4P
Surface Mount Schottky
TSS70L TSC-TSS70L_14 Datasheet
179Kb / 4P
Surface Mount Schottky
TSS0340L TSC-TSS0340L_14 Datasheet
175Kb / 4P
Surface Mount Schottky
logo
Microdiode Semiconducto...
DLSS22 CHENDA-DLSS22 Datasheet
732Kb / 2P
SURFACE MOUNT SCHOTTKY
logo
Diode Semiconductor Kor...
SK12B DSK-SK12B Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY
SK22A DSK-SK22A Datasheet
174Kb / 2P
SURFACE MOUNT SCHOTTKY
SS22A DSK-SS22A Datasheet
188Kb / 2P
SURFACE MOUNT SCHOTTKY
SS32A DSK-SS32A Datasheet
298Kb / 2P
SURFACE MOUNT SCHOTTKY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com