Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER800 Datasheet (PDF) - SUNMATE electronic Co., LTD

ER800 Datasheet PDF - SUNMATE electronic Co., LTD
Part # ER800
Download  ER800 Download
File Size   278.11 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SUPER FAST RECOVER Y RECTIFIER DIODES

ER800 Datasheet (PDF)

Go To PDF Page Download Datasheet
ER800 Datasheet PDF - SUNMATE electronic Co., LTD

Part # ER800
Download  ER800 Click to download

File Size   278.11 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SUPER FAST RECOVER Y RECTIFIER DIODES

ER800 Datasheet (HTML) - SUNMATE electronic Co., LTD


ER800 Product details

VOLTAGE RANGE: 50 - 600V CURRENT: 8 .0 A

Features
● Glass Passivated Die Construction
● Super-Fast Switching for High Efficiency
● High Current Capability
● Low Reverse Leakage Current
● High Surge Current Capability
● Plastic Material has UL Flammability
   Classification 94V-O




Similar Part No. - ER800

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER800 PANJIT-ER800 Datasheet
54Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 8.0 Amperes)
logo
Transys Electronics
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
ER800 WTE-ER800 Datasheet
47Kb / 3P
8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
ER800 WTE-ER800 Datasheet
50Kb / 4P
8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER800 PANJIT-ER800 Datasheet
41Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
More results


Similar Description - ER800

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
SF51G SUNMATE-SF51G Datasheet
353Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
BYW98-50 SUNMATE-BYW98-50 Datasheet
371Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
ER101 SUNMATE-ER101 Datasheet
377Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
ER201 SUNMATE-ER201 Datasheet
364Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
ER500 SUNMATE-ER500 Datasheet
280Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
SF61 SUNMATE-SF61 Datasheet
379Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
SF61G SUNMATE-SF61G Datasheet
565Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com