Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF151M Datasheet (PDF) - Diode Semiconductor Korea

DF151M Datasheet PDF - Diode Semiconductor Korea
Part # DF151M
Download  DF151M Download
File Size   181.64 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SILICON BRIDGE RECTIFIERS

DF151M Datasheet (PDF)

Go To PDF Page Download Datasheet
DF151M Datasheet PDF - Diode Semiconductor Korea

Part # DF151M
Download  DF151M Click to download

File Size   181.64 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SILICON BRIDGE RECTIFIERS

DF151M Datasheet (HTML) - Diode Semiconductor Korea


DF151M Product details

VOLTAGE RANGE: 50 --- 1000 V CURRENT: 1.5 A

FEATURES
◇ Rating to 1000V PRV
◇ Surge overload rating to 50 Amperes peak
◇ Glass passivated chip junctions
◇ Reliable low cost construction utilizing molded plastic technique results in inexpensive product
◇ Lead solderable per MIL-STD-202 method 208
◇ Lead: silver plated copper, solderde plated
◇ Plastic material has UL flammability classification 94V-O
◇ Polarity symbols molded on body
◇ Weight: 0.02 ounces,0.38 grams




Similar Part No. - DF151M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DF151M LUGUANG-DF151M Datasheet
165Kb / 2P
Silicon Bridge Rectifiers
More results


Similar Description - DF151M

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com