Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU3 Datasheet (PDF) - SUNMATE electronic Co., LTD

RU3 Datasheet PDF - SUNMATE electronic Co., LTD
Part # RU3
Download  RU3 Download
File Size   299.58 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description HIGH EFFICENCY RECTIFIER DIODES

RU3 Datasheet (PDF)

Go To PDF Page Download Datasheet
RU3 Datasheet PDF - SUNMATE electronic Co., LTD

Part # RU3
Download  RU3 Click to download

File Size   299.58 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description HIGH EFFICENCY RECTIFIER DIODES

RU3 Datasheet (HTML) - SUNMATE electronic Co., LTD


RU3 Product details

CURRENT: 1.1-2.0 A VOLTAGE RANGE: 100 - 1000V



Features

• Low cost

• Diffused junction

• Low leakage

• Low forward voltage drop

• Easily cleaned with freon, alcohol, lsopropand and similar solvents

• The plastic material carries U/L recognition 94V-0



 




Similar Part No. - RU3

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU3 SANKEN-RU3 Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
RU3 BILIN-RU3 Datasheet
59Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
EIC discrete Semiconduc...
RU3 EIC-RU3 Datasheet
42Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Rugao Dachang Electroni...
RU3 DACHANG-RU3 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.5A
More results


Similar Description - RU3

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MUR1620CT SEMTECH_ELEC-MUR1620CT Datasheet
280Kb / 2P
GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
logo
Nantong Hornby Electron...
1HX HORNBY-1HX Datasheet
245Kb / 3P
MINIATURE HIGH EFFICENCY RECTIFIER
HER160XPT HORNBY-HER160XPT Datasheet
272Kb / 3P
GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
HER160XCT HORNBY-HER160XCT Datasheet
306Kb / 3P
GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
HER160X HORNBY-HER160X Datasheet
299Kb / 3P
GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
HER60X HORNBY-HER60X Datasheet
250Kb / 3P
HIGH EFFICENCY RECTIFIER
HER50X HORNBY-HER50X Datasheet
274Kb / 3P
HIGH EFFICENCY RECTIFIER
HER30X HORNBY-HER30X Datasheet
232Kb / 3P
HIGH EFFICENCY RECTIFIER
HER20X HORNBY-HER20X Datasheet
264Kb / 3P
HIGH EFFICENCY RECTIFIER
HER10X HORNBY-HER10X Datasheet
238Kb / 3P
HIGH EFFICENCY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com