Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1615 Datasheet (PDF) - Renesas Technology Corp

2SD1615 Datasheet PDF - Renesas Technology Corp
Part # 2SD1615
Download  2SD1615 Download
File Size   210.12 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Old Company Name in Catalogs and Other Documents

2SD1615 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1615 Datasheet PDF - Renesas Technology Corp

Part # 2SD1615
Download  2SD1615 Click to download

File Size   210.12 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Old Company Name in Catalogs and Other Documents

2SD1615 Datasheet (HTML) - Renesas Technology Corp


2SD1615 Product details

DESCRIPTION
2SD1615, 1615A are designed for audio frequency power amplifier and switching application, especially in Hybrid Integrated Circuits.

FEATURES
• Low VCE (sat) VCE(sat) = 0.15 V
• Complement to 2SB1115, 1115A




Similar Part No. - 2SD1615

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1615 NEC-2SD1615 Datasheet
49Kb / 4P
NPN SILICON EPITAXIAL TRANSISTORS POWER MINI MOLD
logo
Guangdong Kexin Industr...
2SD1615 KEXIN-2SD1615 Datasheet
52Kb / 1P
NPN Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SD1615 RENESAS-2SD1615 Datasheet
210Kb / 6P
Old Company Name in Catalogs and Other Documents
logo
SHIKUES Electronics
2SD1615 SKTECHNOLGY-2SD1615 Datasheet
721Kb / 1P
World Standard Miniature Package
logo
Shanghai Leiditech Elec...
2SD1615 LEIDITECH-2SD1615 Datasheet
560Kb / 1P
World Standard Miniature Package
More results


Similar Description - 2SD1615

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2221 RENESAS-2SK2221 Datasheet
91Kb / 8P
Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
Old Company Name in Catalogs and Other Documents
HD64F3644PV RENESAS-HD64F3644PV Datasheet
3Mb / 551P
Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
Old Company Name in Catalogs and Other Documents
HD64F7047F50 RENESAS-HD64F7047F50 Datasheet
4Mb / 766P
Old Company Name in Catalogs and Other Documents
HD64F7144F50V RENESAS-HD64F7144F50V Datasheet
5Mb / 932P
Old Company Name in Catalogs and Other Documents
RD20FM-T1-AZ RENESAS-RD20FM-T1-AZ Datasheet
334Kb / 10P
Old Company Name in Catalogs and Other Documents
HD64F3664FPV RENESAS-HD64F3664FPV Datasheet
2Mb / 446P
Old Company Name in Catalogs and Other Documents
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
Old Company Name in Catalogs and Other Documents
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com