Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB04 Datasheet (PDF) - Diode Semiconductor Korea

MB04 Datasheet PDF - Diode Semiconductor Korea
Part # MB04
Download  MB04 Download
File Size   175.69 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SILICON BRIDGE RECTIFIERS

MB04 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB04 Datasheet PDF - Diode Semiconductor Korea

Part # MB04
Download  MB04 Click to download

File Size   175.69 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SILICON BRIDGE RECTIFIERS

MB04 Datasheet (HTML) - Diode Semiconductor Korea


MB04 Product details

VOLTAGE RANGE: 50 --- 1000 V CURRENT: 0.5 A

FEATURES
◇ This series is UL recognized under Component Index,
   file number E239431
◇ Glass passivated chip junctions
◇ Plastic materrial has U/L flammability classification 94V-O
◇ Saves space on printed circuit boards
◇ High surge overload rating: 35A peak
◇ High temperature soldering guaranteed:
   260°C/10 seconds at 5 lbs. (2.3kg) tension




Similar Part No. - MB04

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MB04 BWTECH-MB04 Datasheet
227Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
C&K Components
MB04 CK-COMPONENTS-MB04 Datasheet
545Kb / 5P
Half-inch Rotary Switches
logo
Guangdong Juxing Electr...
MB0405F JUXING-MB0405F Datasheet
970Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
MB0410F JUXING-MB0410F Datasheet
970Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
MB041F JUXING-MB041F Datasheet
970Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Similar Description - MB04

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com