Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6634 Datasheet (PDF) - Analog Devices

AD6634 Datasheet PDF - Analog Devices
Part # AD6634
Download  AD6634 Download
File Size   925.92 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)

AD6634 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6634 Datasheet PDF - Analog Devices

Part # AD6634
Download  AD6634 Click to download

File Size   925.92 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)

AD6634 Datasheet (HTML) - Analog Devices


AD6634 Product details

GENERAL DESCRIPTION
The AD6634 is a multimode 4-channel digital receive signal processor (RSP) capable of processing up to two WCDMA channels. Each channel consists of four cascaded signal processing elements: a frequency translator, two fixed coefficient decimating filters, and a programmable coefficient decimating filter. Each input port has input level threshold detection circuitry and an AGC controller for accommodating large dynamic ranges or situations where gain ranging converters are used. Dual 16-bit parallel output ports accommodate high data rate WBCDMA applications. On-chip interpolating half-band can also be used to further increase the output rate. In addition, each parallel output port has a digital AGC for output data scaling. Link port outputs are provided to enable glueless interfaces to ADI’s TigerSHARC® DSP core.

FEATURES
   80 MSPS Wideband Inputs (14 Linear Bits Plus Three
      RSSI)
   Processes Two WCDMA Channels (UMTS or CDMA2000
      1x) or Four GSM/EDGE, IS136 Channels
   Four Independent Digital Receivers in a Single Package
   Dual 16-Bit Parallel Output Ports
   Dual 8-Bit Link Ports
   Programmable Digital AGC Loops with 96 dB Range
   Digital Resampling for Noninteger Decimation Rates
   Programmable Decimating FIR Filters
   Interpolating Half-Band Filters
   Programmable Attenuator Control for Clip Prevention
      and External Gain Ranging via Level Indicator
   Flexible Control for Multicarrier and Phased Array
   3.3 V I/O, 2.5 V CMOS Core
   User Configurable Built-In Self-Test (BIST) Capability
   JTAG Boundary Scan

APPLICATIONS
   Multicarrier, Multimode Digital Receivers
      GSM, IS136, EDGE, PHS, IS95, UMTS, CDMA2000
   Micro and Pico Cell Systems, Software Radios
   Wireless Local Loop
   Smart Antenna Systems
   In Building Wireless Telephony




Similar Part No. - AD6634

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6634 AD-AD6634_15 Datasheet
931Kb / 52P
80 MSPS, Dual-Channel WCDMA Receive Signal Processor
REV. 0
More results


Similar Description - AD6634

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6620 AD-AD6620 Datasheet
354Kb / 43P
65 MSPS Digital Receive Signal Processor
REV. 0
AD6635 AD-AD6635 Datasheet
799Kb / 60P
4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
REV.0
AD6624A AD-AD6624A Datasheet
636Kb / 40P
Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV.0
AD6624 AD-AD6624 Datasheet
509Kb / 40P
Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
67 MSPS Digital Receive Signal Processor
REV. A
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
67 MSPS Digital Receive Signal Processor
REV. A
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
AD6634 AD-AD6634_15 Datasheet
931Kb / 52P
80 MSPS, Dual-Channel WCDMA Receive Signal Processor
REV. 0
AD6635 AD-AD6635_15 Datasheet
805Kb / 60P
4-Channel, 80 MSPS WCDMA Receive Signal Processor
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com