Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9859 Datasheet (PDF) - Analog Devices

AD9859 Datasheet PDF - Analog Devices
Part # AD9859
Download  AD9859 Download
File Size   574.21 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer

AD9859 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9859 Datasheet PDF - Analog Devices

Part # AD9859
Download  AD9859 Click to download

File Size   574.21 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer

AD9859 Datasheet (HTML) - Analog Devices


AD9859 Product details

GENERAL DESCRIPTION
The AD9859 is a direct digital synthesizer (DDS) featuring a 10-bit DAC operating at up to 400 MSPS. The AD9859 uses advanced DDS technology, coupled with an internal high speed, high performance DAC to form a digitally programmable, complete high frequency synthesizer capable of generating a frequency-agile analog output sinusoidal waveform at up to 200 MHz. The AD9859 is designed to provide fast frequency hopping and fine tuning resolution (32-bit frequency tuning word). The frequency tuning and control words are loaded into the AD9859 via a serial I/O port.

FEATURES
    400 MSPS internal clock speed
    Integrated 10-bit DAC
    32-bit tuning word
    Phase noise ≤ –120 dBc/Hz @ 1 kHz offset (DAC output)
    Excellent dynamic performance
        >75 dB SFDR @ 160 MHz (±100 kHz offset) AOUT
    Serial I/O control
    1.8 V power supply
    Software and hardware controlled power-down
    48-lead TQFP/EP package
    Support for 5 V input levels on most digital inputs
    PLL REFCLK multiplier (4× to 20×)
    Internal oscillator; can be driven by a single crystal
    Phase modulation capability
    Multichip synchronization

APPLICATIONS
    Agile LO frequency synthesis
    Programmable clock generators
    Test and measurement equipment
    Commercial and amateur radio exciter




Similar Part No. - AD9859

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9859 AD-AD9859 Datasheet
484Kb / 24P
400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
522Kb / 24P
CMOS Direct Digital Synthesizer
1/2017-Rev. A to Rev. B
AD9859/PCBZ1 AD-AD9859/PCBZ1 Datasheet
484Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859/PCBZ1 AD-AD9859/PCBZ1 Datasheet
484Kb / 24P
400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859YSV AD-AD9859YSV Datasheet
484Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Similar Description - AD9859

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9951 AD-AD9951 Datasheet
825Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9952 AD-AD9952 Datasheet
731Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
484Kb / 24P
400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com