Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGF1D Datasheet (PDF) - SUNMATE electronic Co., LTD

RGF1D Datasheet PDF - SUNMATE electronic Co., LTD
Part # RGF1D
Download  RGF1D Download
File Size   438.83 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES

RGF1D Datasheet (PDF)

Go To PDF Page Download Datasheet
RGF1D Datasheet PDF - SUNMATE electronic Co., LTD

Part # RGF1D
Download  RGF1D Click to download

File Size   438.83 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES

RGF1D Datasheet (HTML) - SUNMATE electronic Co., LTD


RGF1D Product details

VOLTAGE RANGE: 50 - 1000V CURRENT: 1.0 A

Features
● Glass Passivated Die Construction
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Low Power Loss
● Fast Recovery Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - RGF1D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RGF1D FAIRCHILD-RGF1D Datasheet
99Kb / 4P
1.0 Ampere Fast Recovery Rectifiers
logo
General Semiconductor
RGF1D GE-RGF1D Datasheet
89Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGF1D VISHAY-RGF1D Datasheet
35Kb / 2P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
logo
Fairchild Semiconductor
RGF1D FAIRCHILD-RGF1D Datasheet
49Kb / 3P
Fast Rectifiers
logo
First Components Intern...
RGF1D FCI-RGF1D Datasheet
141Kb / 2P
1.0 Amp MEGARECTIFIERS
More results


Similar Description - RGF1D

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RS1AB SUNMATE-RS1AB Datasheet
295Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS2AA SUNMATE-RS2AA Datasheet
425Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR10A SUNMATE-FR10A Datasheet
421Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS3AB SUNMATE-RS3AB Datasheet
306Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
RS5A SUNMATE-RS5A Datasheet
523Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FFM301 SUNMATE-FFM301 Datasheet
314Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR1AF SUNMATE-FR1AF Datasheet
332Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR2AF SUNMATE-FR2AF Datasheet
306Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3A SUNMATE-FR3A Datasheet
313Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
FR3ABF SUNMATE-FR3ABF Datasheet
343Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com