Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1403 Datasheet (PDF) - Microchip Technology

EMC1403 Datasheet PDF - Microchip Technology
Part # EMC1403
Download  EMC1403 Download
File Size   1419.57 Kbytes
Page   55 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1째C Temperature Sensor with Beta Compensation

EMC1403 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMC1403 Datasheet PDF - Microchip Technology

Part # EMC1403
Download  EMC1403 Click to download

File Size   1419.57 Kbytes
Page   55 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1째C Temperature Sensor with Beta Compensation

EMC1403 Datasheet (HTML) - Microchip Technology


EMC1403 Product details

General Description
The EMC1403 and EMC1404 are high accuracy, low cost, System Management Bus (SMBus) temperature sensors. Advanced features such as Resistance Error Correction (REC), Beta Compensation (to support CPU diodes requiring the BJT/transistor model including 45nm, 65nm and 90nm processors) and automatic diode type detection combine to provide a robust solution for complex environmental monitoring applications.

Features
■ Support for diodes requiring the BJT/transistor model
    — supports 45nm, 65nm, and 90nm CPU thermal diodes.
■ Automatically determines external diode type and optimal settings
■ Resistance Error Correction
■ External Temperature Monitors
    — ±1°C Accuracy (60°C < TDIODE < 100°C)
    — 0.125°C Resolution
    — Anti-parallel diodes for extra diode support
■ Internal Temperature Monitor
    — ±2°C accuracy
■ 3.3V Supply Voltage
■ Programmable temperature limits for ALERT and THERM
■ Available in these RoHS Compliant Packages
    — 10-pin 3mm x 3mm DFN
    — 10-pin MSOP
    — 14-pin SOIC

Applications
■ Notebook Computers
■ Desktop Computers
■ Industrial
■ Embedded applications




Similar Part No. - EMC1403

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
EMC1403-1-AIZL-TR SMSC-EMC1403-1-AIZL-TR Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
More results


Similar Description - EMC1403

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1043 SMSC-EMC1043 Datasheet
574Kb / 28P
1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1184 MICROCHIP-EMC1184 Datasheet
547Kb / 48P
Quad Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
EMC1182 MICROCHIP-EMC1182 Datasheet
565Kb / 48P
Dual Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com