Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGF1A Datasheet (PDF) - SUNMATE electronic Co., LTD

EGF1A Datasheet PDF - SUNMATE electronic Co., LTD
Part # EGF1A
Download  EGF1A Download
File Size   334.71 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description ULTRAFAST SURFACE MOUNT RECTIFIER DIODES

EGF1A Datasheet (PDF)

Go To PDF Page Download Datasheet
EGF1A Datasheet PDF - SUNMATE electronic Co., LTD

Part # EGF1A
Download  EGF1A Click to download

File Size   334.71 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description ULTRAFAST SURFACE MOUNT RECTIFIER DIODES

EGF1A Datasheet (HTML) - SUNMATE electronic Co., LTD


EGF1A Product details

VOLTAGE RANGE: 50 - 200V CURRENT: 1.0 A

Features
● Plastic package has Underwriters Laboratory
● Flammability Classification 94V-0
● Ideal for surface mount automotive applications
● High temperature metallurgically bonded construction
● Superfast recovery times for high efficiency
● Glass passivated cavity-free junction
● Built-in strain relief
● Easy pick and place




Similar Part No. - EGF1A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
EGF1A FAIRCHILD-EGF1A Datasheet
90Kb / 4P
1.0 Ampere High Efficiency Glass Passivated Rectifier
logo
General Semiconductor
EGF1A GE-EGF1A Datasheet
91Kb / 2P
ULTRAFAST SURFACE MOUNT RECTIFIER
logo
Fairchild Semiconductor
EGF1A FAIRCHILD-EGF1A Datasheet
51Kb / 3P
Fast Rectifiers (Glass Passivated)
logo
Taiwan Semiconductor Co...
EGF1A TSC-EGF1A Datasheet
55Kb / 2P
1.0 AMP. Surface Mount Glass Passivated Junction High Efficient Rectifiers
logo
TAITRON Components Inco...
EGF1A TAITRON-EGF1A Datasheet
139Kb / 4P
1.0A Sintered Glass Passivated Super Fast Rectifier
More results


Similar Description - EGF1A

ManufacturerPart #DatasheetDescription
logo
Semikron International
EGL1A SEMIKRON-EGL1A_07 Datasheet
199Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
US1A SEMIKRON-US1A Datasheet
198Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
SUF4001 SEMIKRON-SUF4001 Datasheet
177Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
logo
Diotec Semiconductor
US1A DIOTEC-US1A_11 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
USL1A DIOTEC-USL1A Datasheet
117Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_13 Datasheet
104Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A-Q DIOTEC-US1A-Q_13 Datasheet
130Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
SUNMATE electronic Co.,...
EGL41A SUNMATE-EGL41A Datasheet
425Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
ESH1B SUNMATE-ESH1B Datasheet
309Kb / 2P
SURFACE MOUNT ULTRAFAST PLASTIC RECTIFIER DIODES
logo
RFE international
MURS460 RFE-MURS460 Datasheet
2Mb / 3P
Surface Mount Ultrafast Rectifier Diodes
14-01-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com