Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER3A Datasheet (PDF) - SUNMATE electronic Co., LTD

ER3A Datasheet PDF - SUNMATE electronic Co., LTD
Part # ER3A
Download  ER3A Download
File Size   316.84 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT SUPER FAST RECOVER Y DIODES

ER3A Datasheet (PDF)

Go To PDF Page Download Datasheet
ER3A Datasheet PDF - SUNMATE electronic Co., LTD

Part # ER3A
Download  ER3A Click to download

File Size   316.84 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT SUPER FAST RECOVER Y DIODES

ER3A Datasheet (HTML) - SUNMATE electronic Co., LTD


ER3A Product details

VOLTAGE RANGE: 50 - 600V CURRENT: 3.0 A

Features
● Glass Passivated Die Construction
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Low Power Loss
● Super-Fast Recovery Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - ER3A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER3A PANJIT-ER3A Datasheet
50Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
ER3A SURGE-ER3A Datasheet
86Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 3.0 Amperes?
logo
Transys Electronics
ER3A TRSYS-ER3A Datasheet
158Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Dc Components
ER3A DCCOM-ER3A Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
More results


Similar Description - ER3A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ER3AF SUNMATE-ER3AF Datasheet
309Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ER5A SUNMATE-ER5A Datasheet
464Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ER5AF SUNMATE-ER5AF Datasheet
426Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AA SUNMATE-ES3AA Datasheet
369Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AB SUNMATE-ES3AB Datasheet
365Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AF SUNMATE-ES3AF Datasheet
335Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES5AB SUNMATE-ES5AB Datasheet
345Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES5AF SUNMATE-ES5AF Datasheet
340Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ESH3B SUNMATE-ESH3B Datasheet
499Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
MURS305 SUNMATE-MURS305 Datasheet
310Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com