Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2BF Datasheet (PDF) - SUNMATE electronic Co., LTD

ER2BF Datasheet PDF - SUNMATE electronic Co., LTD
Part # ER2BF
Download  ER2BF Download
File Size   318.1 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT SUPER FAST RECTIFIER DIODES

ER2BF Datasheet (PDF)

Go To PDF Page Download Datasheet
ER2BF Datasheet PDF - SUNMATE electronic Co., LTD

Part # ER2BF
Download  ER2BF Click to download

File Size   318.1 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT SUPER FAST RECTIFIER DIODES

ER2BF Datasheet (HTML) - SUNMATE electronic Co., LTD


ER2BF Product details

VOLTAGE RANGE: 50 - 600V

CURRENT: 2.0 A



Features

• Glass Passivated Die Construction

• Ideally Suited for Automatic Assembly

• Low Forward Voltage Drop, High Efficiency

• Low Power Loss

• Super-Fast Recovery Time

• Plastic Case Material has UL Flammability Classification Rating 94V-O



 




Similar Part No. - ER2BF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2BF PANJIT-ER2BF Datasheet
387Kb / 5P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Microdiode Semiconducto...
ER2BF CHENDA-ER2BF Datasheet
1Mb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Similar Description - ER2BF

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SS2A SUNMATE-SS2A Datasheet
337Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
SS3A SUNMATE-SS3A Datasheet
339Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
UH1B SUNMATE-UH1B Datasheet
337Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER1AA SUNMATE-ER1AA Datasheet
429Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER2A SUNMATE-ER2A Datasheet
335Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ES1AF SUNMATE-ES1AF Datasheet
336Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ES2AA SUNMATE-ES2AA Datasheet
364Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ES2AL SUNMATE-ES2AL Datasheet
786Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ESH2B SUNMATE-ESH2B Datasheet
352Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
MURS205 SUNMATE-MURS205 Datasheet
388Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com