Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBI5016CF Datasheet (PDF) - List of Unclassifed Manufacturers

MBI5016CF Datasheet PDF - List of Unclassifed Manufacturers
Part # MBI5016CF
Download  MBI5016CF Download
File Size   280.75 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16-bit Constant Current LED Sink Driver

MBI5016CF Datasheet (PDF)

Go To PDF Page Download Datasheet
MBI5016CF Datasheet PDF - List of Unclassifed Manufacturers

Part # MBI5016CF
Download  MBI5016CF Click to download

File Size   280.75 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16-bit Constant Current LED Sink Driver

MBI5016CF Datasheet (HTML) - List of Unclassifed Manufacturers


MBI5016CF Product details

[Macroblock]

Product Description
MBI5016 provides users with great flexibility and device performance while using MBI5016 in their LED panel system design. Users may adjust the output current of MBI5016 through an external resistor, Rext, which gives users flexibility in controlling the light intensity of LEDs.
MBI5016 guarantees to endure 17V at the output port, allowing users to connect more LEDs in series. The high clock frequency, 20 MHz, also satisfies the system requirement of high volume data transmission.
MBI5016, utilizing the most advanced silicon technology, is targeted for LED panel display. MBI5016 contains CMOS shift registers and latch functions, converting serial input data into parallel output format. At the output stage, sixteen regulated current sources, implemented in Bipolar Junction Transistor, were designed to provide 5-90 mA constant current for driving LEDs.

Features
• 16 constant-current output channels
• Output current adjustable through an external resistor
• Serial data in/parallel data out
• Output current: 5-90 mA
• 20MHz clock frequency




Similar Part No. - MBI5016CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5016CF ETC-MBI5016CF Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
MBI5016CF ETC1-MBI5016CF Datasheet
378Kb / 17P
16-bit Constant Current LED Sink Driver
MBI5016CF ETC2-MBI5016CF Datasheet
277Kb / 13P
16-bit Constant Current LED Sink Driver
More results


Similar Description - MBI5016CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
03-Aug-2004
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
16-bit Constant Current LED Sink Driver
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
16-Bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
25-Jul-2005
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com