Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB24S Datasheet (PDF) - Bruckewell Technology LTD

MB24S Datasheet PDF - Bruckewell Technology LTD
Part # MB24S
Download  MB24S Download
File Size   346.2 Kbytes
Page   4 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Surface Mount Schottky Bridge Rectifiers

MB24S Datasheet (PDF)

Go To PDF Page Download Datasheet
MB24S Datasheet PDF - Bruckewell Technology LTD

Part # MB24S
Download  MB24S Click to download

File Size   346.2 Kbytes
Page   4 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Surface Mount Schottky Bridge Rectifiers

MB24S Datasheet (HTML) - Bruckewell Technology LTD


MB24S Product details

REVERSE VOLTAGE: 20 - 100 V

Features
• High Temperature Soldering Guaranteed:260 °C/10 Second
• Saves Space On Printed Circuit Board
• RoHS compliant package




Similar Part No. - MB24S

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
MB24S CHENDA-MB24S Datasheet
683Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
MB24S YFWDIODE-MB24S Datasheet
433Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Micro Commercial Compon...
MB24S MCC-MB24S Datasheet
281Kb / 3P
2 Amp Surface Mount Rectifier 20 to 100 Volts Schottky Bridge
logo
Microdiode Semiconducto...
MB24S CHENDA-MB24S Datasheet
424Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
MB24S YFWDIODE-MB24S Datasheet
499Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
More results


Similar Description - MB24S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S Datasheet
143Kb / 2P
Surface Mount Schottky-Bridge Rectifiers
CS10S DIOTEC-CS10S_07 Datasheet
115Kb / 2P
Surface Mount Schottky-Bridge-Rectifiers
logo
Bruckewell Technology L...
MB12S BWTECH-MB12S_15 Datasheet
443Kb / 4P
Surface Mount Schottky Bridge Rectifiers
logo
Guangdong Juxing Electr...
KMB12J JUXING-KMB12J Datasheet
755Kb / 3P
Surface Mount Schottky Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
MB14F-PJ PJSEMI-MB14F-PJ Datasheet
253Kb / 3P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
TB14F-PJ PJSEMI-TB14F-PJ Datasheet
453Kb / 3P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KMB12F JUXING-KMB12F_V01 Datasheet
1Mb / 2P
Surface Mount Schottky Bridge Rectifiers
KMB12J JUXING-KMB12J_V01 Datasheet
957Kb / 3P
Surface Mount Schottky Bridge Rectifiers
KMB22F JUXING-KMB22F_V01 Datasheet
951Kb / 2P
Surface Mount Schottky Bridge Rectifiers
logo
Shanghai Leiditech Elec...
KMB12F-S LEIDITECH-KMB12F-S Datasheet
706Kb / 3P
Surface Mount Schottky Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com