Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB02S Datasheet (PDF) - Bruckewell Technology LTD

MB02S Datasheet PDF - Bruckewell Technology LTD
Part # MB02S
Download  MB02S Download
File Size   355.32 Kbytes
Page   4 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Glass passivated chip junctions.

MB02S Datasheet (PDF)

Go To PDF Page Download Datasheet
MB02S Datasheet PDF - Bruckewell Technology LTD

Part # MB02S
Download  MB02S Click to download

File Size   355.32 Kbytes
Page   4 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Glass passivated chip junctions.

MB02S Datasheet (HTML) - Bruckewell Technology LTD


MB02S Product details

PRV : 100 - 1000 Volts
Io : 0.8 Ampere

Features
• Glass passivated chip junctions.
• High surge overload rating : 35A peak
• Saves space on printed circuit boards.
• High temperature soldering guaranteed: 260 °C/10 seconds.
• RoHS compliant package




Similar Part No. - MB02S

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
MB02S OLITECH-MB02S Datasheet
516Kb / 2P
Silicon Bridge Rectifiers
More results


Similar Description - MB02S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS22-S210 FAIRCHILD-SS22-S210 Datasheet
41Kb / 3P
Glass passivated junctions
logo
Littelfuse
K0900Y LITTELFUSE-K0900Y Datasheet
382Kb / 12P
SIDACs feature glass-passivated junctions to ensure a rugged and dependable
logo
Gaomi Xinghe Electronic...
MB1S-10S GXELECTRONICS-MB1S-10S Datasheet
842Kb / 2P
Glass passivated chip junctions
logo
Bruckewell Technology L...
B1S-B10S BWTECH-B1S-B10S Datasheet
418Kb / 4P
Glass passivated chip junctions.
logo
Mospec Semiconductor
F10C05 MOSPEC-F10C05 Datasheet
220Kb / 2P
Glass Passivated chip junctions
logo
Comchip Technology
1N4728A-G COMCHIP-1N4728A-G Datasheet
125Kb / 6P
Glass passivated chip.
logo
Diode Semiconductor Kor...
1N4933GL DSK-1N4933GL Datasheet
276Kb / 2P
GLASS PASSIVATED JUNCTIONS
logo
Shenzhen Luguang Electr...
1N4933GL LUGUANG-1N4933GL Datasheet
1Mb / 2P
Glass Passivated Junctions
logo
First Silicon Co., Ltd
MB2M FS-MB2M Datasheet
196Kb / 2P
Glass passivated chip junctions
MB6S FS-MB6S Datasheet
201Kb / 2P
Glass passivated chip junctions
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com