Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4133 Datasheet (PDF) - List of Unclassifed Manufacturers

SI4133 Datasheet PDF - List of Unclassifed Manufacturers
Part # SI4133
Download  SI4133 Download
File Size   713.7 Kbytes
Page   34 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS

SI4133 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI4133 Datasheet PDF - List of Unclassifed Manufacturers

Part # SI4133
Download  SI4133 Click to download

File Size   713.7 Kbytes
Page   34 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS

SI4133 Datasheet (HTML) - List of Unclassifed Manufacturers


SI4133 Product details

[SILICON LAB]

Description
The Si4133 is a monolithic integrated circuit that performs both IF and dual band RF synthesis for wireless communications applications. The Si4133 includes three VCOs, loop filters, reference and VCO dividers, and phase detectors. Divider and power-down settings are programmable through a three-wire serial interface.

Features
■ Dual-Band RF Synthesizers
    • RF1: 900 MHz to 1.8 GHz
    • RF2: 750 MHz to 1.5 GHz
■ IF Synthesizer
    • IF: 62.5 MHz to 1000 MHz
■ Integrated VCOs, Loop Filters, Varactors, and Resonators
■ Minimal (2) External Components Required
■ Low Phase Noise
■ Programmable Power Down Modes
■ 1 µA Standby Current
■ 18 mA Typical Supply Current
■ 2.7 V to 3.6 V Operation
■ Packages: 24-Pin TSSOP, 28-Lead MLP

Applications
■ Dual-Band Communications
■ Digital Cellular Telephones GSM, DCS1800, PCS1900
■ Digital Cordless Phones
■ Analog Cordless Phones
■ Wireless LAN and WAN




Similar Part No. - SI4133

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Skyworks Solutions Inc.
SI4133 SKYWORKS-SI4133 Datasheet
1Mb / 35P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
Rev 1.61
logo
Silicon Laboratories
SI4133-D-GM SILABS-SI4133-D-GM Datasheet
318Kb / 36P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Skyworks Solutions Inc.
SI4133-D-GM SKYWORKS-SI4133-D-GM Datasheet
1Mb / 35P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
Rev 1.61
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Similar Description - SI4133

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com