Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP624-4 Datasheet (PDF) - List of Unclassifed Manufacturers

TLP624-4 Datasheet PDF - List of Unclassifed Manufacturers
Part # TLP624-4
Download  TLP624-4 Download
File Size   63.48 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS

TLP624-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP624-4 Datasheet PDF - List of Unclassifed Manufacturers

Part # TLP624-4
Download  TLP624-4 Click to download

File Size   63.48 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS

TLP624-4 Datasheet (HTML) - List of Unclassifed Manufacturers


TLP624-4 Product details

[ISOCOM]

DESCRIPTION
The TLP624, TLP624-2, TLP624-4 series of optically coupled isolators consist of infrared light emitting diodes and NPN silicon photo transistors in space efficient dual in line plastic packages.

FEATURES
l Options :-10mm lead spread - add G after part no.
    Surface mount - add SM after part no.
    Tape&reel - add SMT&R after part no.
l High Current Transfer Ratio ( 50% min)
l High Isolation Voltage (5.3kVRMS ,7.5kVPK)
l High BVCEO ( 55Vmin )
l All electrical parameters 100% tested
l Low Input Current 0.5mA IF

APPLICATIONS
l Computer terminals
l Industrial systems controllers
l Measuring instruments
l Signal transmission between systems of different potentials and impedances




Similar Part No. - TLP624-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP624-4 TOSHIBA-TLP624-4 Datasheet
263Kb / 8P
Programmable Controllers
logo
ISOCOM COMPONENTS
TLP624-4 ISOCOM-TLP624-4 Datasheet
752Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP624-4 TOSHIBA-TLP624-4 Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP624-4 TOSHIBA-TLP624-4 Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
logo
ISOCOM COMPONENTS
TLP624-4X ISOCOM-TLP624-4X Datasheet
752Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Similar Description - TLP624-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617G-1X ETC-SFH617G-1X Datasheet
49Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS204X ISOCOM-IS204X Datasheet
79Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617G-1X ISOCOM-SFH617G-1X Datasheet
260Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-1 ISOCOM-SFH617A-1_08 Datasheet
69Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-2X ISOCOM-SFH615A-2X Datasheet
126Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-2XSMT-R ISOCOM-SFH615A-2XSMT-R Datasheet
126Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-2XSM ISOCOM-SFH617A-2XSM Datasheet
69Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com