Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU4D Datasheet (PDF) - SUNMATE electronic Co., LTD

RU4D Datasheet PDF - SUNMATE electronic Co., LTD
Part # RU4D
Download  RU4D Download
File Size   445.83 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description HIGH EFFICIENCY RECTIFIER DIODES

RU4D Datasheet (PDF)

Go To PDF Page Download Datasheet
RU4D Datasheet PDF - SUNMATE electronic Co., LTD

Part # RU4D
Download  RU4D Click to download

File Size   445.83 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description HIGH EFFICIENCY RECTIFIER DIODES

RU4D Datasheet (HTML) - SUNMATE electronic Co., LTD


RU4D Product details

VOLTAGE RANGE: 1300V

CURRENT: 1.5-2.5 A



Features

• Low cost

• Diffused junction

• Low leakage

• Low forward voltage drop

• Easily cleaned with freon, alcohol, lsopropand and similar solvents

• High current capability

• The plastic material carries U/L recognition 94V-0



 




Similar Part No. - RU4D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU4D SANKEN-RU4D Datasheet
23Kb / 1P
Damper Diodes (For Display)
logo
List of Unclassifed Man...
RU4D ETC-RU4D Datasheet
69Kb / 2P
Damper Diodes
logo
Galaxy Semi-Conductor H...
RU4D BILIN-RU4D Datasheet
51Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
RU4D DACHANG-RU4D Datasheet
123Kb / 2P
Damper Diodes Reverse voltage1500V Forward current 3.0A
logo
Shenzhen Taychipst Elec...
RU4D TAYCHIPST-RU4D Datasheet
857Kb / 1P
Fast-Recovery Rectifier Diodes
More results


Similar Description - RU4D

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EU02Z SUNMATE-EU02Z Datasheet
299Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
RG10Y SUNMATE-RG10Y Datasheet
299Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER601 SUNMATE-HER601 Datasheet
323Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER601S SUNMATE-HER601S Datasheet
287Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER101 SUNMATE-HER101 Datasheet
285Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER201 SUNMATE-HER201 Datasheet
362Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER301 SUNMATE-HER301 Datasheet
289Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER501 SUNMATE-HER501 Datasheet
305Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
BYT13-600 SUNMATE-BYT13-600 Datasheet
249Kb / 1P
HIGH EFFICIENCY RECTIFIER DIODES
RU4M SUNMATE-RU4M Datasheet
336Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com