Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2A Datasheet (PDF) - SUNMATE electronic Co., LTD

US2A Datasheet PDF - SUNMATE electronic Co., LTD
Part # US2A
Download  US2A Download
File Size   576.84 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT ULTRA FAST RECTIFIER DIODES

US2A Datasheet (PDF)

Go To PDF Page Download Datasheet
US2A Datasheet PDF - SUNMATE electronic Co., LTD

Part # US2A
Download  US2A Click to download

File Size   576.84 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT ULTRA FAST RECTIFIER DIODES

US2A Datasheet (HTML) - SUNMATE electronic Co., LTD


US2A Product details

VOLTAGE RANGE: 50 - 1000V

CURRENT: 2.0 A



Features

• Glass Passivated Die Construction

• Ideally Suited for Automatic Assembly

• Low Forward Voltage Drop, High Efficiency

• Low Power Loss

• Ultra-Fast Recovery Time

• Plastic Case Material has UL Flammability Classification Rating 94V-O



 




Similar Part No. - US2A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2A SSE-US2A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US2A DIOTEC-US2A Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2A WEITRON-US2A Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2A DIOTEC-US2A Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2A SEMIKRON-US2A Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
More results


Similar Description - US2A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
UF2AA SUNMATE-UF2AA Datasheet
367Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF3AF SUNMATE-UF3AF Datasheet
557Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF5A SUNMATE-UF5A Datasheet
578Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US1AF SUNMATE-US1AF Datasheet
332Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US1AL SUNMATE-US1AL Datasheet
313Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US2AF SUNMATE-US2AF Datasheet
485Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US3AA SUNMATE-US3AA Datasheet
395Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US5AB SUNMATE-US5AB Datasheet
528Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US5AF SUNMATE-US5AF Datasheet
893Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Shenzhen Yixinwei Techn...
US3AB YIXIN-US3AB_15 Datasheet
330Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com