Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88C681 Datasheet (PDF) - Exar Corporation

88C681 Datasheet PDF - Exar Corporation
Part # 88C681
Download  88C681 Download
File Size   1913.83 Kbytes
Page   99 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS DUAL CHANNEL UART (DUART)

88C681 Datasheet (PDF)

Go To PDF Page Download Datasheet
88C681 Datasheet PDF - Exar Corporation

Part # 88C681
Download  88C681 Click to download

File Size   1913.83 Kbytes
Page   99 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS DUAL CHANNEL UART (DUART)

88C681 Datasheet (HTML) - Exar Corporation


88C681 Product details

GENERAL DESCRIPTION
The EXAR Dual Universal Asynchronous Receiver and Transmitter (DUART) is a data communications device that provides two fully independent full duplex asynchronous communication channels in a single package. The DUART is designed for use in microprocessor based systems and may be used in a polled or interrupt driven environment.
The XR88C681 device offers a single IC solution for the 8080/85, 8086/88, Z80, Z8000, 68xx and 65xx microprocessor families.

FEATURES
● Two Full Duplex, Independent Channels
● Asynchronous Receiver and Transmitter
● Quadruple-Buffered Receivers and Dual Buffered Transmitters
● Programmable Stop Bits in 1/16 Bit Increments
● Internal Bit Rate Generators with More than 23 Bit Rates
● Independent Bit Rate Selection for Each Transmitter and Receiver
● External Clock Capability
● Maximum Bit Rate: 1X Clock - 1Mb/s, 16X Clock - 125kb/s
● Normal, AUTOECHO, Local LOOPBACK and Remote LOOPBACK Modes
● Multi-function 16 Bit Counter/Timer
● Interrupt Output with Eight Maskable Interrupt Conditions
● Interrupt Vector Output on Acknowledge (40 Pin DIP and 44 Pin PLCC Packages Only)
● Programmable Interrupt Daisy Chain
● 8 General Purpose Outputs (40 Pin DIP and 44 Pin PLCC Packages Only)
● 7 General Purpose Inputs with Change of States Detectors on Inputs (40 Pin DIP and 44 Pin PLCC Packages Only)
● Multi-Drop Mode Compatible with 8051 Nine Bit Mode
● On-Chip Oscillator for Crystal
● Standby Mode to Reduce Operating Power
● Compatible with the Motorola MC2681 and Signetics SCC2692 devices
● Advanced CMOS Low Power Technology

APPLICATIONS
● Multimedia Systems
● Serial to Parallel/Parallel to Serial Converter
● DTE for Modem Communication Systems




Similar Part No. - 88C681

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
88C60-AF5-R UTC-88C60-AF5-R Datasheet
215Kb / 16P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88C60L-AF5-R UTC-88C60L-AF5-R Datasheet
215Kb / 16P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
More results


Similar Description - 88C681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
DUAL UART
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
logo
Exar Corporation
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
CMOS Dual Channel UART (DUART)
XR88C681 EXAR-XR88C681_06 Datasheet
2Mb / 101P
CMOS Dual Channel UART (DUART)
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
DUAL UART
logo
Exar Corporation
XR68C681J-F EXAR-XR68C681J-F Datasheet
1Mb / 75P
CMOS Dual Channel UART(DUART)
XR82C684CJ-F EXAR-XR82C684CJ-F Datasheet
2Mb / 107P
CMOS Quad Channel UART(QUART)
XR88C681CP EXAR-XR88C681CP Datasheet
1Mb / 99P
CMOS DUAL CHANNEL UART (DUART)
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
Dual UART
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com