Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38747MCT Datasheet (PDF) - Mitsubishi Electric Semiconductor

M38747MCT Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M38747MCT
Download  M38747MCT Download
File Size   1292.01 Kbytes
Page   92 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???

M38747MCT Datasheet (PDF)

Go To PDF Page Download Datasheet
M38747MCT Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M38747MCT
Download  M38747MCT Click to download

File Size   1292.01 Kbytes
Page   92 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???

M38747MCT Datasheet (HTML) - Mitsubishi Electric Semiconductor


M38747MCT Product details

DESCRIPTION
The 3874 group is the 8-bit microcomputer based on the 740 family core technology. The 3874 group includes data link layer communication control circuit, A-D converters, D-A converter, automatic data transfer serial I/O, UART, and watchdog timer etc. The various microcomputers in the 3874 group include variations of internal memory size and packaging. For details, refer to the
section on part numbering. For details on availability of microcomputers in the 3874 group, re
fer to the section on group expansion.

FEATURES
● Basic machine-language instructions ...................................... 71
● Minimum instruction execution time................................. 0.32 µs
   (at 6.4 MHz oscillation frequency, in double-speed mode)
● Memory size
   ROM ............................................................... 16 K to 60 K bytes
   RAM ............................................................... 1024 to 2048 bytes
● Programmable input/output ports ............................................ 72
● Input port .................................................................................... 1
● Interrupts ................................................. 27 sources, 16 vectors
   (Interrupt source discrimination register exists, included key input interrupt)
● Timer 1, timer 2, timer 3 ................................................. 8-bit ✕ 3
● Timer X, timer Y............................................................ 16-bit ✕ 2
● Serial I/O1 .................... 8-bit ✕ 1(UART or Clock-synchronized)
● Serial I/O2 ................................... 8-bit ✕ 1(Clock-synchronized)
● Serial I/O3 ...................................................................... 8-bit ✕ 1
   (Clock-synchronized automatic data transfer/arbitrary bit transfer function available)
● A-D converter ................................................. 8-bit ✕ 8 channels
● D-A converter ................................................... 8-bit ✕ 1 channel
● Data link layer communication control circuit ............................ 1
● Clock generating circuit..................................... Built-in 2 circuits
   (connect to external ceramic resonator or quartz-crystal oscillator)
● Watchdog timer ............................................................ 20-bit ✕ 1
● Power source voltage ................................................ 3.0 to 5.5 V
● Power dissipation
   In double-speed mode ......................................................90 mW
   In high-speed mode ..........................................................60 mW
   (at 32 kHz oscillation frequency, at 5 V power source voltage)
   In low-speed mode .......................................................... 180 µW
   (at 32 kHz oscillation frequency, at 3 V power source voltage)
● Operating temperature range.................................... –40 to 85°C
   (Extended operating temperature version and automotive version)

APPLICATION
   Automotive comfort control for audio system, air conditioning etc., automotive body electronics control, household appliances, and other consumer applications, etc.




Similar Part No. - M38747MCT

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3874 HEYCO-M3874 Datasheet
192Kb / 1P
Tite Snap-In-2® Liquid Tight Cordgrips
logo
Alpha Wire
M3874 ALPHAWIRE-M3874 Datasheet
407Kb / 4P
12 (7/.0305) AWG Bare Copper
More results


Similar Description - M38747MCT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com