Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY3670 Datasheet (PDF) - Cypress Semiconductor

CY3670 Datasheet PDF - Cypress Semiconductor
Part # CY3670
Download  CY3670 Download
File Size   118.65 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Single-PLL General-Purpose EPROM Programmable Clock Generator

CY3670 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY3670 Datasheet PDF - Cypress Semiconductor

Part # CY3670
Download  CY3670 Click to download

File Size   118.65 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Single-PLL General-Purpose EPROM Programmable Clock Generator

CY3670 Datasheet (HTML) - Cypress Semiconductor


CY3670 Product details

Functional Description
The CY2071A is a general-purpose clock synthesizer designed for use in applications such as modems, disk drives, CD-ROM drives, video CD players, games, set-top boxes, and data/telecommunications. The device offers up to three configurable clock outputs in an 8-pin, 150-mil SOIC package and can operate off either a 3.3V or 5V power supply. The on-chip reference oscillator is designed for 10 MHz to 25 MHz crystals. Alternatively, an external reference clock of frequency between 1 MHz and 30 MHz can be used.

Features
• Single phase-locked loop architecture
• EPROM programmability
• Factory-programmable (CY2071A, CY2071AI) or field-programmable (CY2071AF, CY2071AFI) device options
• Up to three configurable outputs
• Low skew, low jitter, high-accuracy outputs
• Internal loop filter
• Power management (OE)
• Frequency select options
• Configurable 5V or 3.3V operation
• 8-pin 150-mil SOIC package

Benefits
• Generates a custom frequency from an external source
• Easy customization and fast turnaround
• Programming support available for all opportunities
• Generates three related frequencies from a single device
• Meets critical industry standard timing requirements
• Alleviates the need for external components
• Supports low-power applications
• Three outputs with two user-selectable frequencies
• Supports industry standard design platforms
• Industry standard packaging saves on board space




Similar Part No. - CY3670

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3670 CYPRESS-CY3670 Datasheet
230Kb / 9P
Single-PLL General-Purpose EPROM Programmable Clock Generator
CY3670 CYPRESS-CY3670 Datasheet
355Kb / 11P
Single-PLL General Purpose EPROM Programmable Clock Generator
CY3670 CYPRESS-CY3670 Datasheet
209Kb / 4P
FTG Programming Kit
CY3670 CYPRESS-CY3670 Datasheet
565Kb / 13P
Single-PLL General Purpose EPROM Programmable Clock Generator
More results


Similar Description - CY3670

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
Three-PLL General Purpose EPROM Programmable Clock Generator
June 14, 2000
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
Single-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
Three-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
Single-PLL General Purpose EPROM Programmable Clock Generator
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com