Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS138 Datasheet (PDF) - ZP Semiconductor

BSS138 Datasheet PDF - ZP Semiconductor
Part # BSS138
Download  BSS138 Download
File Size   295.08 Kbytes
Page   3 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description N-Channel Enhancement Mode MOSFET

BSS138 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS138 Datasheet PDF - ZP Semiconductor

Part # BSS138
Download  BSS138 Click to download

File Size   295.08 Kbytes
Page   3 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description N-Channel Enhancement Mode MOSFET

BSS138 Datasheet (HTML) - ZP Semiconductor


BSS138 Product details

Feature
● 50V/0.2A,
   RDS(ON) = 3.5Ω(MAX) @VGS = 5V. Id = 0.2A
   RDS(ON) = 10Ω(MAX) @VGS = 2.75V. Id = 0.2A
● Super High dense cell design for extremely low RDS(ON) .
● Reliable and Rugged.
● Low Threshold Voltage ( 0.5V—1.5V ) Make it Ideal for Low Voltage Applications.
● SOT-23 for Surface Mount Package.

Applications
● Power Management in DC/DC Converters、 Portable and Battery-powered Products.




Similar Part No. - BSS138

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS138 ZETEX-BSS138 Datasheet
58Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Siemens Semiconductor G...
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
logo
Fairchild Semiconductor
BSS138 FAIRCHILD-BSS138 Datasheet
125Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
BSS138 CET-BSS138 Datasheet
481Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS138 DIODES-BSS138 Datasheet
92Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30144 Rev. 6 - 2
More results


Similar Description - BSS138

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com