Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JJS-50 Datasheet (PDF) - Cooper Bussmann, Inc.

JJS-50 Datasheet PDF - Cooper Bussmann, Inc.
Part # JJS-50
Download  JJS-50 Download
File Size   289.85 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description JJS ??600Vac, 1-800A, Fast-Acting Fuses

JJS-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
JJS-50 Datasheet PDF - Cooper Bussmann, Inc.

Part # JJS-50
Download  JJS-50 Click to download

File Size   289.85 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description JJS ??600Vac, 1-800A, Fast-Acting Fuses

JJS-50 Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - JJS-50

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
JJS-50 EATON-JJS-50 Datasheet
1Mb / 4P
JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
JJS-500 EATON-JJS-500 Datasheet
1Mb / 4P
JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
More results


Similar Description - JJS-50

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JJS-70 COOPER-JJS-70 Datasheet
291Kb / 3P
LIMITRON??600V Class T JJS ??600Vac, 1-800A, Fast-Acting Fuses
KLM-8 COOPER-KLM-8 Datasheet
391Kb / 2P
13/32x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTS-R-6 COOPER-KTS-R-6 Datasheet
217Kb / 3P
KTS-R-600Vac, 1-600A, Fast-Acting Fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
JJS-60 COOPER-JJS-60 Datasheet
291Kb / 3P
JJS - 600Vac, 1-800A, Fast-Acting Fuses
JJS-40 COOPER-JJS-40 Datasheet
291Kb / 3P
JJS 600Vac, 1-800A, Fast-Acting Fuses
JKS-70 COOPER-JKS-70 Datasheet
219Kb / 3P
JKS ??600Vac, 70-600A, Fast-Acting Fuses
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
JKS ??600Vac, 1-60A, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
JJS EATON-JJS Datasheet
1Mb / 4P
JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com