Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35CJ Datasheet (PDF) - Cooper Bussmann, Inc.

35CJ Datasheet PDF - Cooper Bussmann, Inc.
Part # 35CJ
Download  35CJ Download
File Size   186.66 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Fast-Acting Ceramic Body, Class J

35CJ Datasheet (PDF)

Go To PDF Page Download Datasheet
35CJ Datasheet PDF - Cooper Bussmann, Inc.

Part # 35CJ
Download  35CJ Click to download

File Size   186.66 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Fast-Acting Ceramic Body, Class J

35CJ Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - 35CJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
35C RENESAS-35C Datasheet
545Kb / 57P
RENESAS MCU
logo
List of Unclassifed Man...
35C5 ETC1-35C5 Datasheet
162Kb / 4P
7-PIN NINIATURE TYPE
logo
Nell Semiconductor Co.,...
35CD NELLSEMI-35CD Datasheet
85Kb / 1P
Automotive Cell Diodes, 35A
logo
ON Semiconductor
35CE47PC ONSEMI-35CE47PC Datasheet
159Kb / 1P
Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
logo
International Rectifier
35CGQ045 IRF-35CGQ045 Datasheet
49Kb / 4P
SCHOTTKY RECTIFIER
More results


Similar Description - 35CJ

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ABC-1-R COOPER-ABC-1-R Datasheet
210Kb / 2P
ABC Series, Fast-Acting, Ceramic Tube
logo
NTE Electronics
74-10FC1A NTE-74-10FC1A Datasheet
823Kb / 1P
10 x 38mm Ceramic, Fast Acting
logo
Cooper Bussmann, Inc.
JKS-50 COOPER-JKS-50 Datasheet
89Kb / 2P
Limitron짰 Quick-Acting Fuses Class J ??600 Volt
GDA-50MA COOPER-GDA-50MA Datasheet
255Kb / 2P
GDA Series, Fast-Acting, Ceramic Tube
logo
Littelfuse
216 LITTELFUSE-216 Datasheet
1Mb / 4P
5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
216SP LITTELFUSE-216SP Datasheet
894Kb / 3P
5횞20mm fast-acting ceramic body cartridge fuse Designed to IEC specification
logo
Eaton All Rights Reserv...
FCF-RN EATON-FCF-RN Datasheet
805Kb / 2P
Fast-acting UL Class CF CUBEFuse
JKS EATON-JKS Datasheet
881Kb / 4P
JKS fast-acting Class J fuses, up to 60 A
JKS-70 EATON-JKS-70 Datasheet
807Kb / 3P
JKS fast-acting Class J fuses, 70 to 600 A
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com