Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90CJ Datasheet (PDF) - Cooper Bussmann, Inc.

90CJ Datasheet PDF - Cooper Bussmann, Inc.
Part # 90CJ
Download  90CJ Download
File Size   186.66 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Fast-Acting Ceramic Body, Class J

90CJ Datasheet (PDF)

Go To PDF Page Download Datasheet
90CJ Datasheet PDF - Cooper Bussmann, Inc.

Part # 90CJ
Download  90CJ Click to download

File Size   186.66 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Fast-Acting Ceramic Body, Class J

90CJ Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - 90CJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
90CG NXP-90CG Datasheet
389Kb / 11P
GAS-PILLED PHOTOTUBE
3.3.1955
logo
International Rectifier
90CLQ100 IRF-90CLQ100 Datasheet
52Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 90 Amp, 100V
90CLQ100 IRF-90CLQ100 Datasheet
56Kb / 4P
SCHOTTKY RECTIFIER
90CLQ100 IRF-90CLQ100_15 Datasheet
56Kb / 4P
SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
90CPV240 ETC1-90CPV240 Datasheet
31Kb / 2P
Phase Control Modules
More results


Similar Description - 90CJ

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ABC-1-R COOPER-ABC-1-R Datasheet
210Kb / 2P
ABC Series, Fast-Acting, Ceramic Tube
logo
NTE Electronics
74-10FC1A NTE-74-10FC1A Datasheet
823Kb / 1P
10 x 38mm Ceramic, Fast Acting
logo
Cooper Bussmann, Inc.
JKS-50 COOPER-JKS-50 Datasheet
89Kb / 2P
Limitron짰 Quick-Acting Fuses Class J ??600 Volt
GDA-50MA COOPER-GDA-50MA Datasheet
255Kb / 2P
GDA Series, Fast-Acting, Ceramic Tube
logo
Littelfuse
216 LITTELFUSE-216 Datasheet
1Mb / 4P
5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
216SP LITTELFUSE-216SP Datasheet
894Kb / 3P
5횞20mm fast-acting ceramic body cartridge fuse Designed to IEC specification
logo
Eaton All Rights Reserv...
FCF-RN EATON-FCF-RN Datasheet
805Kb / 2P
Fast-acting UL Class CF CUBEFuse
JKS EATON-JKS Datasheet
881Kb / 4P
JKS fast-acting Class J fuses, up to 60 A
JKS-70 EATON-JKS-70 Datasheet
807Kb / 3P
JKS fast-acting Class J fuses, 70 to 600 A
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com