Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV27-600 Datasheet (PDF) - Diode Semiconductor Korea

BYV27-600 Datasheet PDF - Diode Semiconductor Korea
Part # BYV27-600
Download  BYV27-600 Download
File Size   323.37 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SUPER FAST RECTIFIERS

BYV27-600 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYV27-600 Datasheet PDF - Diode Semiconductor Korea

Part # BYV27-600
Download  BYV27-600 Click to download

File Size   323.37 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SUPER FAST RECTIFIERS

BYV27-600 Datasheet (HTML) - Diode Semiconductor Korea


BYV27-600 Product details

VOLTAGE RANGE: 50 --- 600 V
CURRENT: 2.0, 1.9,1.6 A

FEATURES
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with alcohol,Isopropanol and similar solvents




Similar Part No. - BYV27-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV27-600 PHILIPS-BYV27-600 Datasheet
110Kb / 16P
Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Galaxy Semi-Conductor H...
BYV27-600 BILIN-BYV27-600 Datasheet
124Kb / 2P
SUPER FAST RECTIFIER
logo
Gulf Semiconductor
BYV27-600 GULFSEMI-BYV27-600 Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.6A
logo
Vishay Siliconix
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
Ultra Fast Avalanche Sinterglass Diode
04-Aug-10
logo
Digitron Semiconductors
BYV27-600 DIGITRON-BYV27-600 Datasheet
93Kb / 3P
ULTRA FAST AVALANCHE SINTERGLASS DIODE
More results


Similar Description - BYV27-600

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com