Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGP20A Datasheet (PDF) - Diode Semiconductor Korea

UGP20A Datasheet PDF - Diode Semiconductor Korea
Part # UGP20A
Download  UGP20A Download
File Size   260.41 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description ULTRA FAST RECTIFIER

UGP20A Datasheet (PDF)

Go To PDF Page Download Datasheet
UGP20A Datasheet PDF - Diode Semiconductor Korea

Part # UGP20A
Download  UGP20A Click to download

File Size   260.41 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description ULTRA FAST RECTIFIER

UGP20A Datasheet (HTML) - Diode Semiconductor Korea


UGP20A Product details

OOOVOLTAGE RANGE: 50 --- 800 V

CURRENT: 2.0



FEATURES

◇ Low cost

◇ Diffusde junction

◇ low leakage current

◇ High current capability

◇ Easily cleaned with alcohol, Isopropanol and similar solvents

◇ Plastic package has underwriters laboratory flammability classification 94v-0



 




Similar Part No. - UGP20A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGP20A ZOWIE-UGP20A Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED ULTRAFAST EFFICIENT RECTIFIER
logo
Galaxy Semi-Conductor H...
UGP20A BILIN-UGP20A Datasheet
65Kb / 2P
ULTRA FAST RECTIFIER
logo
TAITRON Components Inco...
UGP20A TAITRON-UGP20A Datasheet
191Kb / 4P
2.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
logo
Leshan Radio Company
UGP20A LRC-UGP20A Datasheet
203Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current2.0A
logo
Galaxy Semi-Conductor H...
UGP20A BILIN-UGP20A Datasheet
253Kb / 2P
ULTRA FAST RECTIFIER
More results


Similar Description - UGP20A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com