Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F231 Datasheet (PDF) - List of Unclassifed Manufacturers

C8051F231 Datasheet PDF - List of Unclassifed Manufacturers
Part # C8051F231
Download  C8051F231 Download
File Size   162.51 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8K Flash, 256 RAM, 32-Pin MCU

C8051F231 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F231 Datasheet PDF - List of Unclassifed Manufacturers

Part # C8051F231
Download  C8051F231 Click to download

File Size   162.51 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8K Flash, 256 RAM, 32-Pin MCU

C8051F231 Datasheet (HTML) - List of Unclassifed Manufacturers


C8051F231 Product details

[CYGNAL]

ANALOG PERIPHERALS

Two Comparators
- Programmable Hysteresis
- Configurable to Generate Interrupts or Reset

VDD Monitor and Brown-out Detector

ON-CHIP JTAG DEBUG
- On-Chip Debug Circuitry Facilitates Full Speed, Non-Intrusive In-System Debug (No Emulator Required!)
- Provides Breakpoints, Single Stepping, Watchpoints, Stack Monitor
- Inspect/Modify Memory and Registers
- Superior Performance to Emulation Systems Using ICE-Chips, Target Pods, and Sockets
- Low Cost, Complete Development Kit

SUPPLY VOLTAGE ......................2.7V to 3.6V
- Typical Operating Current: 9mA @ 25MHz
- Typical Stop Mode Current: <0.1uA

Temperature Range: –40°C to +85°C
32-Pin LQFP Package

8051-COMPATIBLE µC Core
- Pipelined Instruction Architecture; Executes 70% of Instructions in 1 or 2 System Clocks
- Up to 25MIPS Throughput with 25MHz Clock
- Expanded Interrupt Handler

MEMORY
- 256 Bytes Data RAM
- 8k Bytes FLASH; In-System Programmable in 512 byte Sectors

DIGITAL PERIPHERALS
- 22 Port I/O; All are 5V tolerant
- Hardware SPITM and UART Serial Ports Available Concurrently
- Three 16-bit Counter/Timers
- Dedicated Watch-Dog Timer
- Bi-directional Reset

CLOCK SOURCES
- Internal Programmable Oscillator: 2-to-16MHz
- External Oscillator: Crystal, RC, C, or Clock
- Can Switch Between Clock Sources on-the-fly; Useful in Power Saving Modes




Similar Part No. - C8051F231

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F231 SILABS-C8051F231 Datasheet
427Kb / 2P
25 MIPS, 8 kB Flash, 32-Pin Mixed-Signal MCU
C8051F231-GQ SILABS-C8051F231-GQ Datasheet
427Kb / 2P
25 MIPS, 8 kB Flash, 32-Pin Mixed-Signal MCU
More results


Similar Description - C8051F231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F301 ETC-C8051F301 Datasheet
35Kb / 2P
8KB Flash, 256 RAM, 11-Pin MCU
C8051F230 ETC-C8051F230 Datasheet
165Kb / 2P
8K Flash, 256 RAM, 48-Pin MCU
C8051F236 ETC-C8051F236 Datasheet
166Kb / 2P
8K Flash, 1.25K RAM, 48-Pin MCU
C8051F302 ETC-C8051F302 Datasheet
37Kb / 2P
8KB Flash, 256 RAM, 8-Bit ADC, 11-Pin MCU
C8051F303 ETC-C8051F303 Datasheet
34Kb / 2P
8KB Flash, 256 RAM, 11-Pin MCU
logo
Silicon Laboratories
C8051F02X SILABS-C8051F02X Datasheet
4Mb / 272P
8K ISP FLASH MCU Family
C8051F021-GQR SILABS-C8051F021-GQR Datasheet
1Mb / 272P
8K ISP FLASH MCU Family
logo
Fortune Semiconductor C...
FS98O25 FORTUNE-FS98O25 Datasheet
2Mb / 142P
8-bit MCU with 8k program EPROM, 256-byte RAM
logo
Silicon Laboratories
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
8K ISP FLASH MCU Family
Rev. 1.7
C8051F060 SILABS-C8051F060_V01 Datasheet
5Mb / 330P
8K ISP FLASH MCU Family
Rev. 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com