Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9531 Datasheet (PDF) - Cypress Semiconductor

C9531 Datasheet PDF - Cypress Semiconductor
Part # C9531
Download  C9531 Download
File Size   115.59 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description PCIX I/O System Clock Generator with EMI Control Features

C9531 Datasheet (PDF)

Go To PDF Page Download Datasheet
C9531 Datasheet PDF - Cypress Semiconductor

Part # C9531
Download  C9531 Click to download

File Size   115.59 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description PCIX I/O System Clock Generator with EMI Control Features

C9531 Datasheet (HTML) - Cypress Semiconductor


C9531 Product details

Features
• Dedicated clock buffer power pins for reduced noise,
   crosstalk and jitter
• Input clock frequency of 25 MHz to 33 MHz
• Output frequencies of XINx1, XINx2, XINx3 and XINx4
• One output bank of five clocks
• One REF XIN clock output
• SMBus clock control interface for individual clock
   disabling and SSCG control
• Output clock duty cycle is 50% (± 5%)
• < 250 ps skew between output clocks within a bank
• Output jitter <175 ps
• Spread Spectrum feature for reduced electromagnetic
   interference (EMI)
• OE pin for entire output bank enable control and
   testability
• 28-pin SSOP and TSSOP packages




Similar Part No. - C9531

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9531 CYPRESS-C9531 Datasheet
234Kb / 10P
PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
C9531 SILABS-C9531 Datasheet
1Mb / 10P
PCIX I/O System Clock Generator with EMI Control Features
logo
Cypress Semiconductor
C9531 CYPRESS-C9531_04 Datasheet
234Kb / 10P
PCIX I/O System Clock Generator with EMI Control Features
More results


Similar Description - C9531

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
SUPER I/O CONTROLLER WITH WAKE UP FEATURES
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
Super I/O Controller with Wake-Up Features
logo
SpectraLinear Inc
CY28510 SPECTRALINEAR-CY28510 Datasheet
161Kb / 12P
Peripheral I/O Clock Generator
logo
Cypress Semiconductor
C9530 CYPRESS-C9530 Datasheet
263Kb / 11P
PCIX I/O System Clock Generator with EMI Control Features
C9531 CYPRESS-C9531_04 Datasheet
234Kb / 10P
PCIX I/O System Clock Generator with EMI Control Features
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
Peripheral I/O Clock Generator
logo
Silicon Laboratories
C9530 SILABS-C9530 Datasheet
154Kb / 10P
PCIX I/O System Clock Generator with EMI Control Features
C9531 SILABS-C9531 Datasheet
1Mb / 10P
PCIX I/O System Clock Generator with EMI Control Features
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
System Clock Generator
MAY 1, 2019
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com