Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGD923 Datasheet (PDF) - NXP Semiconductors

CGD923 Datasheet PDF - NXP Semiconductors
Part # CGD923
Download  CGD923 Download
File Size   52.15 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 870 MHz, 20 dB gain power doubler amplifier

CGD923 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGD923 Datasheet PDF - NXP Semiconductors

Part # CGD923
Download  CGD923 Click to download

File Size   52.15 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 870 MHz, 20 dB gain power doubler amplifier

CGD923 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - CGD923

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD914 PHILIPS-CGD914 Datasheet
127Kb / 16P
CATV amplifier module
2000 Apr 20
CGD914MI NXP-CGD914MI Datasheet
510Kb / 14P
860 MHz, 20 dB gain power doubler amplifier
2001 Nov 01
CGD914 NXP-CGD914_01 Datasheet
510Kb / 14P
860 MHz, 20 dB gain power doubler amplifier
2001 Nov 01
logo
Quanzhou Jinmei Electro...
CGD914_2015 JMNIC-CGD914_2015 Datasheet
137Kb / 16P
860 MHz, 20 dB gain power doubler amplifier
logo
Whirlpool.
CGD9150GW WHIRLPOOL-CGD9150GW Datasheet
287Kb / 2P
Commercial Super-Capacity Dryer
8/17
More results


Similar Description - CGD923

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
NXP Semiconductors
CGD944C NXP-CGD944C Datasheet
284Kb / 7P
870 MHz, 25 dB gain power doubler amplifier
Rev. 02-16 November 2009
CGD942C NXP-CGD942C Datasheet
284Kb / 7P
870 MHz, 23 dB gain power doubler amplifier
Rev. 02-19 November 2009
logo
ANADIGICS, Inc
ACA3742 ANADIGICS-ACA3742 Datasheet
595Kb / 5P
870 MHz, 21 dB Gain CATV Power Doubler Amplifier
ACA3753 ANADIGICS-ACA3753 Datasheet
398Kb / 4P
870 MHz, 28 dB Gain CATV Power Doubler Amplifier
ACA3754 ANADIGICS-ACA3754 Datasheet
444Kb / 4P
870 MHz, 28 dB Gain CATV Power Doubler Amplifier
logo
Quanzhou Jinmei Electro...
CGD942C_2015 JMNIC-CGD942C_2015 Datasheet
58Kb / 7P
870 MHz, 23 dB gain power doubler amplifier
CGD944C_2015 JMNIC-CGD944C_2015 Datasheet
58Kb / 7P
870 MHz, 25 dB gain power doubler amplifier
MC-7882_2015 JMNIC-MC-7882_2015 Datasheet
39Kb / 6P
870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com