Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C008 Datasheet (PDF) - Cypress Semiconductor

CY7C008 Datasheet PDF - Cypress Semiconductor
Part # CY7C008
Download  CY7C008 Download
File Size   537.53 Kbytes
Page   19 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64K/128K x 8/9 Dual-Port Static RAM

CY7C008 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C008 Datasheet PDF - Cypress Semiconductor

Part # CY7C008
Download  CY7C008 Click to download

File Size   537.53 Kbytes
Page   19 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64K/128K x 8/9 Dual-Port Static RAM

CY7C008 Datasheet (HTML) - Cypress Semiconductor


CY7C008 Product details

Functional Description
The CY7C008/009 and CY7C018/019 are low-power CMOS 64K, 128K x 8/9 dual-port static RAMs. Various arbitration schemes are included on the devices to handle situations when multiple processors access the same piece of data. Two ports are provided permitting independent, asynchronous access for reads and writes to any location in memory. The devices can be utilized as standalone 8/9-bit dual-port static RAMs or multiple devices can be combined in order to function as a 16/18-bit or wider master/slave dual-port static RAM.

Features
• True Dual-Ported memory cells that allow simultaneous access of the same memory location
• 64K x 8 organization (CY7C008)
• 128K x 8 organization (CY7C009)
• 64K x 9 organization (CY7C018)
• 128K x 9 organization (CY7C019)
• 0.35-micron CMOS for optimum speed/power
• High-speed access: 12[1]/15/20 ns
• Low operating power
    — Active: ICC = 180 mA (typical)
    — Standby: ISB3 = 0.05 mA (typical)
• Fully asynchronous operation
• Automatic power-down
• Expandable data bus to 16/18 bits or more using Master/Slave chip select when using more than one device
• On-chip arbitration logic
• Semaphores included to permit software handshaking between ports
• INT flags for port-to-port communication
• Dual Chip Enables
• Pin select for Master or Slave
• Commercial and Industrial temperature ranges
• Available in 100-pin TQFP; Pb-Free packages available




Similar Part No. - CY7C008

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
451Kb / 19P
64K/128K x 8/9 Dual-Port Static RAM
CY7C008-12AC CYPRESS-CY7C008-12AC Datasheet
451Kb / 19P
64K/128K x 8/9 Dual-Port Static RAM
CY7C008-15AC CYPRESS-CY7C008-15AC Datasheet
451Kb / 19P
64K/128K x 8/9 Dual-Port Static RAM
CY7C008-15AXC CYPRESS-CY7C008-15AXC Datasheet
451Kb / 19P
64K/128K x 8/9 Dual-Port Static RAM
CY7C008-20AC CYPRESS-CY7C008-20AC Datasheet
451Kb / 19P
64K/128K x 8/9 Dual-Port Static RAM
More results


Similar Description - CY7C008

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7018L IDT-IDT7018L Datasheet
142Kb / 17P
HIGH-SPEED 64K x 9 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7019L IDT-IDT7019L Datasheet
160Kb / 17P
HIGH-SPEED 128K x 9 DUAL-PORT STATIC RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com