Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GI510 Datasheet (PDF) - Diode Semiconductor Korea

GI510 Datasheet PDF - Diode Semiconductor Korea
Part # GI510
Download  GI510 Download
File Size   270.49 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description PLASTIC SILICON RECTIFIERS

GI510 Datasheet (PDF)

Go To PDF Page Download Datasheet
GI510 Datasheet PDF - Diode Semiconductor Korea

Part # GI510
Download  GI510 Click to download

File Size   270.49 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description PLASTIC SILICON RECTIFIERS

GI510 Datasheet (HTML) - Diode Semiconductor Korea


GI510 Product details

VOLTAGE RANGE: 50 --- 1000 V

CURRENT: 3.0 A



FEATURES

◇ Low cost

◇ Low leakage

◇ Low forward voltage drop

◇ High current capability

◇ Diffused junction

◇ Easily cleaned witn Freon,Alcohol,lsopropanol and similar solvents

◇ The plastic material carries U/L recognition 94V-0



 




Similar Part No. - GI510

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GI510 GE-GI510 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Galaxy Semi-Conductor H...
GI510 BILIN-GI510 Datasheet
55Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
GI510 VISHAY-GI510 Datasheet
71Kb / 4P
General Purpose Plastic Rectifier
28-Oct-09
logo
Shenzhen Taychipst Elec...
GI510 TAYCHIPST-GI510 Datasheet
4Mb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
GI510 VISHAY-GI510 Datasheet
74Kb / 4P
General Purpose Plastic Rectifier
01-Aug-13
More results


Similar Description - GI510

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4001S PANJIT-1N4001S_07 Datasheet
89Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1A1 CTC-1A1 Datasheet
96Kb / 2P
PLASTIC SILICON RECTIFIERS
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
PLASTIC SILICON RECTIFIERS
CT4A01 CTC-CT4A01_15 Datasheet
63Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1A1 HY-1A1_18 Datasheet
178Kb / 3P
Plastic Silicon Rectifiers
RL251 HY-RL251_18 Datasheet
183Kb / 3P
Plastic Silicon Rectifiers
1N4001 HY-1N4001_V01 Datasheet
760Kb / 3P
Plastic Silicon Rectifiers
RL251 HY-RL251_V01 Datasheet
762Kb / 3P
Plastic Silicon Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com