Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6203 Datasheet (PDF) - Intersil Corporation

EL6203 Datasheet PDF - Intersil Corporation
Part # EL6203
Download  EL6203 Download
File Size   169.45 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Laser Driver Oscillator

EL6203 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6203 Datasheet PDF - Intersil Corporation

Part # EL6203
Download  EL6203 Click to download

File Size   169.45 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Laser Driver Oscillator

EL6203 Datasheet (HTML) - Intersil Corporation


EL6203 Product details

The EL6203 is a push-pull oscillator used to reduce laser noise. It uses the standard interface to existing ROM controllers. The frequency and amplitude are each set with a separate resistor connected to ground. The tiny package and harmonic reduction allow the part to be placed close to a laser with low RF emissions. An auto turn-off feature allows it to easily be used on combo CD-RW plus DVD-ROM pick-ups.

Features
• Low power dissipation
• User-selectable frequency from 60MHz to 600MHz controlled with a single resistor
• User-specified amplitude from 10mAP-P to 100mAP-P controlled with a single resistor
• Auto turn-off threshold
• Soft edges for reduced EMI
• Small 5 Ld SOT-23 package
• Pb-free available (RoHS compliant)

Applications
• DVD players
• DVD-ROM drives
• CD-RW drives
• MO drives
• General purpose laser noise reduction




Similar Part No. - EL6203

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6203 INTERSIL-EL6203 Datasheet
199Kb / 11P
Laser Driver Oscillator
August 13, 2007
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
Laser Driver Oscillator
August 8, 2007
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
Laser Driver Oscillator
EL6203CW ELANTEC-EL6203CW Datasheet
155Kb / 2P
Laser Driver Oscillator
logo
Intersil Corporation
EL6203CW INTERSIL-EL6203CW Datasheet
199Kb / 11P
Laser Driver Oscillator
August 13, 2007
More results


Similar Description - EL6203

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
Laser Driver Oscillator
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
Laser Driver Oscillator
logo
Intersil Corporation
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
Laser Driver Oscillator
June 11, 2004
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
Laser Driver Oscillator
March 1, 2004
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
Laser Driver Oscillator
March 1, 2004
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
Laser Driver Oscillator
June 10, 2004
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
Laser Driver Oscillator
August 13, 2007
logo
Renesas Technology Corp
EL6204 RENESAS-EL6204 Datasheet
590Kb / 12P
Laser Driver Oscillator
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
Laser Driver Oscillator
August 8, 2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com