Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36K Datasheet (PDF) - Bi technologies

36K Datasheet PDF - Bi technologies
Part # 36K
Download  36K Download
File Size   78.5 Kbytes
Page   3 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description Cermet Trimming Potentiometer

36K Datasheet (PDF)

Go To PDF Page Download Datasheet
36K Datasheet PDF - Bi technologies

Part # 36K
Download  36K Click to download

File Size   78.5 Kbytes
Page   3 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description Cermet Trimming Potentiometer

36K Datasheet (HTML) - Bi technologies




Similar Part No. - 36K

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
36KD6 GEC-36KD6 Datasheet
83Kb / 2P
compactron beam pentode
logo
TE Connectivity Ltd
36KEPS10AFPWHM TEC-36KEPS10AFPWHM Datasheet
764Kb / 10P
Three Phase Superior Performance EMI Filter – Single Stage WYE Configuration
Rev B
36KEPS10BFPWHM TEC-36KEPS10BFPWHM Datasheet
764Kb / 10P
Three Phase Superior Performance EMI Filter – Single Stage WYE Configuration
Rev B
logo
Bi technologies
36KR10KLF BITECH-36KR10KLF Datasheet
280Kb / 3P
6 MM SINGLE-TURN Open Frame Cermet Trimming Potentiometer
More results


Similar Description - 36K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
23AR10KLFTR BITECH-23AR10KLFTR_11 Datasheet
132Kb / 3P
Cermet Trimming Potentiometer
25PR10KLFTR BITECH-25PR10KLFTR_14 Datasheet
383Kb / 4P
Cermet Trimming Potentiometer
30WR10KLFTR BITECH-30WR10KLFTR_10 Datasheet
76Kb / 3P
Cermet Trimming Potentiometer
45GER10KLF BITECH-45GER10KLF_13 Datasheet
305Kb / 3P
Cermet Trimming Potentiometer
43WR10KLF BITECH-43WR10KLF_09 Datasheet
68Kb / 3P
Cermet Trimming Potentiometer
68PFR10KLF BITECH-68PFR10KLF Datasheet
272Kb / 3P
Cermet Trimming Potentiometer
67PFR10KLF BITECH-67PFR10KLF Datasheet
474Kb / 3P
Cermet Trimming Potentiometer
66PFR10KLF BITECH-66PFR10KLF Datasheet
266Kb / 3P
Cermet Trimming Potentiometer
logo
TT Electronics.
MODEL67 TTELEC-MODEL67 Datasheet
550Kb / 3P
Cermet Trimming Potentiometer
MODEL44 TTELEC-MODEL44 Datasheet
507Kb / 3P
Cermet Trimming Potentiometer
More results




About Bi technologies


BI Technologies, now known as TT Electronics, is a company that specializes in the design and manufacture of a wide range of electronic components and systems. The company was founded in 1965 and is based in the United Kingdom, with operations around the world.

BI Technologies offers a broad range of products, including resistors, capacitors, magnetics, and sensors, which are used in a variety of industries, including aerospace, defense, medical, and industrial markets. The company's products are known for their quality, reliability, and performance, and are used in a range of applications, including power management, control systems, and signal conditioning.

In addition to its product offerings, BI Technologies also provides design and manufacturing services, including custom product design, prototyping, and testing. The company has a strong focus on research and development, and is committed to providing innovative solutions that meet the evolving needs of its customers.

In 2017, BI Technologies was acquired by TT Electronics, a global provider of engineered electronics for performance-critical applications. Today, BI Technologies continues to operate as a division of TT Electronics, providing a wide range of high-quality electronic components and systems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com