Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS201 Datasheet (PDF) - List of Unclassifed Manufacturers

IS201 Datasheet PDF - List of Unclassifed Manufacturers
Part # IS201
Download  IS201 Download
File Size   76.12 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS

IS201 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS201 Datasheet PDF - List of Unclassifed Manufacturers

Part # IS201
Download  IS201 Click to download

File Size   76.12 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS

IS201 Datasheet (HTML) - List of Unclassifed Manufacturers


IS201 Product details

[Isocom]



DESCRIPTION

The IS20*, ISD20*, ISQ20*series of optically coupled isolators consist of infrared light emitting diodes and NPN silicon photo transistors in space efficient dual in line plastic packages.



FEATURES

• Options :-

   10mm lead spread - add G after part no.

   Surface mount - add SM after part no.

   Tape&reel - add SMT&R after part no.

• High Isolation Voltage (5.3kVRMS ,7.5kVPK )

• High BVCEO (70V min)

• All electrical parameter 100% tested

• Custom electrical selections available



APPLICATIONS

• Computer terminals

• Industrial systems controllers

• Signal transmission between systems of different potentials and impedances



 




Similar Part No. - IS201

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS201 ISOCOM-IS201 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
IS201-63 ETC-IS201-63 Datasheet
50Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
IS201X63 ETC-IS201X63 Datasheet
50Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results


Similar Description - IS201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCT6 ETC-MCT6 Datasheet
57Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS1 ISOCOM-IS1 Datasheet
78Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL191 ISOCOM-TIL191 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS1 ISOCOM-IS1_08 Datasheet
85Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP321-1X ISOCOM-ISP321-1X_08 Datasheet
91Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISQ201 ISOCOM-ISQ201_08 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ILQ2SMTR ISOCOM-ILQ2SMTR Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISQ74X ISOCOM-ISQ74X Datasheet
85Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP817BXSMT-R ISOCOM-ISP817BXSMT-R Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com