Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EG01 Datasheet (PDF) - Diode Semiconductor Korea

EG01 Datasheet PDF - Diode Semiconductor Korea
Part # EG01
Download  EG01 Download
File Size   282.78 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description HIGH EFFICIENCY RECTIFIERS

EG01 Datasheet (PDF)

Go To PDF Page Download Datasheet
EG01 Datasheet PDF - Diode Semiconductor Korea

Part # EG01
Download  EG01 Click to download

File Size   282.78 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description HIGH EFFICIENCY RECTIFIERS

EG01 Datasheet (HTML) - Diode Semiconductor Korea


EG01 Product details

VOLTAGE RANGE: 70 --- 1000 V
CURRENT: 0.5 --- 1.0 A

FEATURES
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with freon, alcohol, lsopropand and
   similar solvents
◇ The plastic material carries U/L recognition 94v-0

MECHANICAL DATA
◇ Case: JEDEC DO-41, molded plastic
◇ Terminals: Axial leads,solderable per MIL-STD-202,
   Method 208
◇ Polarity: Color band denotes cathode
◇ Weight: 0.012 ounces, 0.34grams
◇ Mounting: Any




Similar Part No. - EG01

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EG01 SANKEN-EG01 Datasheet
24Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
EG01 ETC-EG01 Datasheet
54Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EG01 BILIN-EG01 Datasheet
63Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
EG01 DACHANG-EG01 Datasheet
121Kb / 2P
Plastic Ultra-Fast Recover Rectifiers Reverse Voltage 200 to 1000V Forward Current 0.5 to 0.7A
logo
Shenzhen Taychipst Elec...
EG01 TAYCHIPST-EG01 Datasheet
917Kb / 1P
Fast-Recovery Rectifier Diodes
More results


Similar Description - EG01

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER101 HY-HER101 Datasheet
35Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
HER201 SECOS-HER201 Datasheet
150Kb / 2P
High Efficiency Rectifiers
logo
Shenzhen Taychipst Elec...
UF5400 TAYCHIPST-UF5400 Datasheet
880Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
High Efficiency Rectifiers
logo
Microdiode Semiconducto...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Digitron Semiconductors
1N5802 DIGITRON-1N5802 Datasheet
573Kb / 4P
RECTIFIERS HIGH EFFICIENCY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com