Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2901Q Datasheet (PDF) - Diodes Incorporated

LM2901Q Datasheet PDF - Diodes Incorporated
Part # LM2901Q
Download  LM2901Q Download
File Size   670.03 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS

LM2901Q Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2901Q Datasheet PDF - Diodes Incorporated

Part # LM2901Q
Download  LM2901Q Click to download

File Size   670.03 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS

LM2901Q Datasheet (HTML) - Diodes Incorporated


LM2901Q Product details

Description
The LM2901Q/2903Q series comparators consist of four and two independent precision voltage comparators with very low input offset voltage specification. They are designed to operate from a single power supply over a wide range of voltages; however operation from split power supplies is also possible. They offer low power supply current independent of the magnitude of the power supply voltage.

Features
• Wide Power Supply Range:
    ◾ Single Supply: 2V to 36V
    ◾ Dual Supplies: ±1.0V to ±18V
• Very Low Supply Current Drain – Independent of Supply Voltage
    ◾ LM2903Q: 0.6mA
    ◾ LM2901Q: 0.9mA
• Low Input Bias Current: 25nA
• Low Input Offset Current: ±5nA
• Typical Offset Voltage:
    ◾ Non-A Device: 2mV
    ◾ A Device: 1mV
• Common-Mode Input Voltage Range Includes Ground
• Differential Input Voltage Range Equal to the Power Supply Voltage
• Low Output Saturation Voltage:
    ◾ LM2903Q: 200mV at 4mA
    ◾ LM2901Q: 100mV at 4mA
• Output Voltage Compatible with TTL, MOS and CMOS
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q100 Grade 1
• PPAP Capable (Note 4)




Similar Part No. - LM2901Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901Q1 TI-LM2901Q1 Datasheet
786Kb / 12P
QUADRUPLE DIFFERENTIAL COMPARATOR
logo
STMicroelectronics
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
Low-power quad voltage comparator
06-Feb-2012
logo
Texas Instruments
LM2901QD TI-LM2901QD Datasheet
518Kb / 19P
QUAD DIFFERENTIAL COMPARATORS
LM2901QD TI-LM2901QD Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
LM2901QD TI-LM2901QD Datasheet
743Kb / 25P
QUAD DIFFERENTIAL COMPARATORS
More results


Similar Description - LM2901Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139 Datasheet
518Kb / 19P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_06 Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
Quad Differential Comparators
logo
Texas Instruments
LM139A TI1-LM139A Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
Quad Differential Comparators
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
DUAL AND QUAD DIFFERENTIAL COMPARATORS
Rev 3
logo
Texas Instruments
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
Quad Differential Comparators
LM2903-Q1 TI1-LM2903-Q1_18 Datasheet
1Mb / 23P
Automotive Dual Differential Comparators
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com