Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20150C Datasheet (PDF) - Diodes Incorporated

MBR20150C Datasheet PDF - Diodes Incorporated
Part # MBR20150C
Download  MBR20150C Download
File Size   367.06 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE POWER SCHOTTKY RECTIFIER

MBR20150C Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR20150C Datasheet PDF - Diodes Incorporated

Part # MBR20150C
Download  MBR20150C Click to download

File Size   367.06 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE POWER SCHOTTKY RECTIFIER

MBR20150C Datasheet (HTML) - Diodes Incorporated


MBR20150C Product details

Description
High voltage dual Schottky rectifier suited for switch mode power supplies and other power converters. This device is intended for use in medium voltage operation, and particularly, in high frequency circuits where low switching losses and low noise are required.
The MBR20150C is available in TO-220F-3 (Option 1) and TO-220-3 (2) packages.

Features
• Low Forward Voltage: 0.9V @ +25C
• High Surge Current Capacity
• +150C Operating Junction Temperature
• 20A Total (10A Per Diode Leg)
• Guard-Ring for Stress Protection
• Pb-free Package
• TO-220-3 (2) and TO-220F-3 (Option 1)
    ◾ Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Available in “Green” Packages: TO-220-3 (2) and TO-220F-3 (Option 1)
    ◾ Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
    ◾ Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Power Supply Output Rectification
• Power Management
• Instrumentation




Similar Part No. - MBR20150C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
MBR20150C BCDSEMI-MBR20150C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
MBR20150C UTC-MBR20150C Datasheet
88Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
MBR20150C RECTRON-MBR20150C Datasheet
341Kb / 5P
SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
MBR20150C-T SKTECHNOLGY-MBR20150C-T Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
MBR20150C-TF SKTECHNOLGY-MBR20150C-TF Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - MBR20150C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com