Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B5XMXH Datasheet (PDF) - Mitsubishi Electric Semiconductor

M38B5XMXH Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M38B5XMXH
Download  M38B5XMXH Download
File Size   3340.75 Kbytes
Page   355 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT SINGLE-CHIP MICROCOMPUTER

M38B5XMXH Datasheet (PDF)

Go To PDF Page Download Datasheet
M38B5XMXH Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M38B5XMXH
Download  M38B5XMXH Click to download

File Size   3340.75 Kbytes
Page   355 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT SINGLE-CHIP MICROCOMPUTER

M38B5XMXH Datasheet (HTML) - Mitsubishi Electric Semiconductor


M38B5XMXH Product details

DESCRIPTION
The 38B5 group is the 8-bit microcomputer based on the 740 family core technology.
The 38B5 group has six 8-bit timers, a 16-bit timer, a fluorescent display automatic display circuit, 12-channel 10-bit A-D converter, a serial I/O with automatic transfer function, which are available for controlling musical instruments and household appliances.
The 38B5 group has variations of internal memory size and packaging. For details, refer to the section on part numbering.
For details on availability of microcomputers in the 38B5 group, refer to the section on group expansion.

FEATURES
• Basic machine-language instructions ....................................... 71
• The minimum instruction execution time .......................... 0.48 µs
   (at 4.19 MHz oscillation frequency)
• Memory size
   ROM ............................................. 24K to 60K bytes
   RAM ..........................................1024 to 2048 bytes
• Programmable input/output ports ............................................. 55
• High-breakdown-voltage output ports ...................................... 36
• Software pull-up resistors ....... (Ports P5, P61to P65, P7, P84to P87, P9)
• Interrupts .................................................. 21 sources, 16 vectors
• Timers ........................................................... 8-bit ✕ 6, 16-bit ✕ 1
• Serial I/O1 (Clock-synchronized) ................................... 8-bit ✕ 1
             ...................... (max. 256-byte automatic transfer function)
   Fig. 1 Pin configuration of M38B5xMxH-XXXXFP
   Package type : 80P6N-A
   80-pin plastic-molded QFP
   PIN CONFIGURATION (TOP VIEW)
• Serial I/O2 (UART or Clock-synchronized) .................... 8-bit ✕ 1
• PWM ............................................................................ 14-bit ✕ 1
                                                 8-bit ✕ 1 (also functions as timer 6)
• A-D converter .............................................. 10-bit ✕ 12 channels
• Fluorescent display function ......................... Total 40 control pins
• Interrupt interval determination function ..................................... 1
• Watchdog timer ............................................................ 20-bit ✕ 1
• Buzzer output ............................................................................. 1
• 2 Clock generating circuit
   Main clock (XIN–XOUT) .......................... Internal feedback resistor
   Sub-clock (XCIN–XCOUT) .......... Without internal feedback resistor
      (connect to external ceramic resonator or quartz-crystal
      oscillator)
• Power source voltage
   In high-speed mode ................................................... 4.0 to 5.5 V
      (at 4.19 MHz oscillation frequency and high-speed selected)
   In middle-speed mode ................................................ 2.7 to 5.5 V
      (at 4.19 MHz oscillation frequency and middle-speed selected)
   In low-speed mode ..................................................... 2.7 to 5.5 V
      (at 32 kHz oscillation frequency)
• Power dissipation
   In high-speed mode .......................................................... 35 mW
      (at 4.19 MHz oscillation frequency)
   In low-speed mode ............................................................. 60 µW
      (at 32 kHz oscillation frequency, at 3 V power source voltage)
• Operating temperature range ................................... –20 to 85 °C

APPLICATION
   Musical instruments, VCR, household appliances, etc.




Similar Part No. - M38B5XMXH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38B50E1XXXFP RENESAS-M38B50E1XXXFP Datasheet
908Kb / 70P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E1XXXFS RENESAS-M38B50E1XXXFS Datasheet
908Kb / 70P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E2XXXFP RENESAS-M38B50E2XXXFP Datasheet
908Kb / 70P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E2XXXFS RENESAS-M38B50E2XXXFS Datasheet
908Kb / 70P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B50E3XXXFP RENESAS-M38B50E3XXXFP Datasheet
908Kb / 70P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Similar Description - M38B5XMXH

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Sanyo Semicon Device
LC866032B SANYO-LC866032B Datasheet
390Kb / 20P
8-bit single chip microcomputer???
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
SINGLE CHIP 8 BIT MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
8-bit single chip microcomputer
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
8-BIT SINGLE-CHIP MICROCOMPUTER
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
8-bit Single Chip Microcomputer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com