Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C135 Datasheet (PDF) - Cypress Semiconductor

CY7C135 Datasheet PDF - Cypress Semiconductor
Part # CY7C135
Download  CY7C135 Download
File Size   506.1 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores

CY7C135 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C135 Datasheet PDF - Cypress Semiconductor

Part # CY7C135
Download  CY7C135 Click to download

File Size   506.1 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores

CY7C135 Datasheet (HTML) - Cypress Semiconductor


CY7C135 Product details

Functional Description
The CY7C135 and CY7C1342 are high-speed CMOS 4K x 8 dual-port static RAMs. The CY7C1342 includes semaphores that provide a means to allocate portions of the dual-port RAM or any shared resource. Two ports are provided permitting independent, asynchronous access for reads and writes to any location in memory. Application areas include interprocessor/multiprocessor designs, communications status buffering, and dual-port video/graphics memory.

Features
• True Dual-Ported memory cells which allow simultaneous reads of the same memory location
• 4K x 8 organization
• 0.65-micron CMOS for optimum speed/power
• High-speed access: 15 ns
• Low operating power: ICC = 160 mA (max.)
• Fully asynchronous operation
• Automatic power-down
• Semaphores included on the 7C1342 to permit software handshaking between ports
• Available in 52-pin PLCC
• Pb-Free packages available




Similar Part No. - CY7C135

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135 Datasheet
400Kb / 12P
4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135-15JC CYPRESS-CY7C135-15JC Datasheet
400Kb / 12P
4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135-15JXC CYPRESS-CY7C135-15JXC Datasheet
400Kb / 12P
4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135-20JC CYPRESS-CY7C135-20JC Datasheet
400Kb / 12P
4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135-25JC CYPRESS-CY7C135-25JC Datasheet
400Kb / 12P
4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
More results


Similar Description - CY7C135

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
4K x 8/9 Dual-Port Static RAM
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
logo
Integrated Device Techn...
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT7134LA IDT-IDT7134LA Datasheet
148Kb / 11P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
7134SA55J IDT-7134SA55J Datasheet
126Kb / 12P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com