Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1041B Datasheet (PDF) - Cypress Semiconductor

CY7C1041B Datasheet PDF - Cypress Semiconductor
Part # CY7C1041B
Download  CY7C1041B Download
File Size   360.34 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K x 16 Static RAM

CY7C1041B Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1041B Datasheet PDF - Cypress Semiconductor

Part # CY7C1041B
Download  CY7C1041B Click to download

File Size   360.34 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K x 16 Static RAM

CY7C1041B Datasheet (HTML) - Cypress Semiconductor


CY7C1041B Product details

The CY7C1041B is a high-performance CMOS static RAM organized as 262,144 words by 16 bits.



Features

• High speed

—tAA= 12 ns

• Low active power

— 1540 mW (max.)

• Low CMOS standby power (L version)

— 2.75 mW (max.)

• 2.0V Data Retention (400 µW at 2.0V retention)

• Automatic power-down when deselected

• TTL-compatible inputs and outputs

 




Similar Part No. - CY7C1041B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041B CYPRESS-CY7C1041B Datasheet
253Kb / 11P
256K x 16 Static RAM
CY7C1041B-12VC CYPRESS-CY7C1041B-12VC Datasheet
253Kb / 11P
256K x 16 Static RAM
CY7C1041B-12VXC CYPRESS-CY7C1041B-12VXC Datasheet
253Kb / 11P
256K x 16 Static RAM
CY7C1041B-12ZC CYPRESS-CY7C1041B-12ZC Datasheet
253Kb / 11P
256K x 16 Static RAM
CY7C1041B-12ZXC CYPRESS-CY7C1041B-12ZXC Datasheet
253Kb / 11P
256K x 16 Static RAM
More results


Similar Description - CY7C1041B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
256K x 16 Static RAM
October 4, 1999
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
256K x 16 Static RAM
Revised October 18, 2002
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
256K x 16 Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com