Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22150 Datasheet (PDF) - Cypress Semiconductor

CY22150 Datasheet PDF - Cypress Semiconductor
Part # CY22150
Download  CY22150 Download
File Size   211.57 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator

CY22150 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY22150 Datasheet PDF - Cypress Semiconductor

Part # CY22150
Download  CY22150 Click to download

File Size   211.57 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator

CY22150 Datasheet (HTML) - Cypress Semiconductor


CY22150 Product details

Features
• Integrated phase-locked loop (PLL)
• Commercial and industrial operation
• Flash-programmable
• Field-programmable
• 2-wire serial programming interface
• Low-skew, low-jitter, high-accuracy outputs
• 3.3V operation with 2.5V output option
• 16-lead TSSOP




Similar Part No. - CY22150

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
182Kb / 8P
Universal Programmable Clock Generator (UPCG)
CY22150 CYPRESS-CY22150 Datasheet
443Kb / 18P
One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22150FC CYPRESS-CY22150FC Datasheet
389Kb / 16P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22150FCT CYPRESS-CY22150FCT Datasheet
389Kb / 16P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22150FI CYPRESS-CY22150FI Datasheet
389Kb / 16P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
More results


Similar Description - CY22150

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
One-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22050 CYPRESS-CY22050_09 Datasheet
282Kb / 10P
One-PLL General Purpose Flash Programmable Clock Generator
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22050 CYPRESS-CY22050_11 Datasheet
315Kb / 11P
One-PLL General-Purpose Flash-Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22150 CYPRESS-CY22150_11 Datasheet
443Kb / 18P
One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
Three-PLL General Purpose Flash Programmable Clock Generator
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com