Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYM1464 Datasheet (PDF) - Cypress Semiconductor

CYM1464 Datasheet PDF - Cypress Semiconductor
Part # CYM1464
Download  CYM1464 Download
File Size   200.61 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512Kx8 Static RAM Module

CYM1464 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYM1464 Datasheet PDF - Cypress Semiconductor

Part # CYM1464
Download  CYM1464 Click to download

File Size   200.61 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512Kx8 Static RAM Module

CYM1464 Datasheet (HTML) - Cypress Semiconductor


CYM1464 Product details

Functional Description
The CYM1464 is a high-performance 4-megabit static RAM module organized as 512K words by 8 bits. This module is constructed using four 256K x 4 static RAMs in SOJ packages mounted on an epoxy laminate substrate with pins.

Features
• High-density 4-megabit SRAM module
• High-speed CMOS SRAMs
   — Access time of 20 ns
• Low active power
   — 1.93W (max.)
• JEDEC-compatible pinout
• 32-pin, 0.6-inch-wide DIP package
• TTL-compatible inputs and outputs
• Low profile
   — Max. height of 0.34 inches




Similar Part No. - CYM1464

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1465A CYPRESS-CYM1465A Datasheet
170Kb / 7P
512K x 8 PDIP Static RAM
CYM1465ALPD-70C CYPRESS-CYM1465ALPD-70C Datasheet
170Kb / 7P
512K x 8 PDIP Static RAM
CYM1465ALPD-70I CYPRESS-CYM1465ALPD-70I Datasheet
170Kb / 7P
512K x 8 PDIP Static RAM
CYM1465ALPD-85C CYPRESS-CYM1465ALPD-85C Datasheet
170Kb / 7P
512K x 8 PDIP Static RAM
CYM1465ALPD-85I CYPRESS-CYM1465ALPD-85I Datasheet
170Kb / 7P
512K x 8 PDIP Static RAM
More results


Similar Description - CYM1464

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
512Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
512Kx8 bit Low Power CMOS Static RAM
KM684000L SAMSUNG-KM684000L Datasheet
330Kb / 7P
512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
logo
Siemens Semiconductor G...
HYB514800BJ SIEMENS-HYB514800BJ Datasheet
211Kb / 22P
512kx8-Bit Dynamic RAM
logo
Samsung semiconductor
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
512Kx8 bit Low Power full CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
White Electronic Design...
EDI8F8512C WEDC-EDI8F8512C Datasheet
356Kb / 9P
512Kx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
512Kx8 Bit High Speed Static RAM(5.0V Operating)
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com