Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2770 Datasheet (PDF) - Dallas Semiconductor

DS2770 Datasheet PDF - Dallas Semiconductor
Part # DS2770
Download  DS2770 Download
File Size   272.37 Kbytes
Page   27 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Battery Monitor and Charge Controller

DS2770 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2770 Datasheet PDF - Dallas Semiconductor

Part # DS2770
Download  DS2770 Click to download

File Size   272.37 Kbytes
Page   27 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Battery Monitor and Charge Controller

DS2770 Datasheet (HTML) - Dallas Semiconductor


DS2770 Product details

DESCRIPTION
The DS2770 battery monitor and charge controller performs several functions needed for thorough battery maintenance. When used in conjunction with the host system’s processor, a battery-pack resident DS2770 may be utilized for applications that include charging, remaining capacity estimation, safety monitoring, and nonvolatile (NV) parametric storage.

FEATURES
■ Integrated charge controller supporting both rechargeable lithium and NiMH battery technologies
■ Available in two configurations:
    – Internal 25mΩ current-sense resistor
    – External user-selectable sense resistor
■ Current measurement:
    – 15-bit bidirectional measurement
    – Internal sense resistor configuration: 62.5μA LSB and ±2A dynamic range
    – External sense resistor configuration: 1.56μV LSB and ±51.2mV dynamic range
■ Current accumulation
    – Internal sense resistor: 0.25mAh LSB
    – External sense resistor: 6.25μVh LSB
■ Voltage measurement with 4.88mV resolution
■ Temperature measurement using integrated sensor with 0.125°C resolution
■ 40 bytes of lockable EEPROM
■ 16 bytes of general-purpose SRAM
■ 42-day timer
■ Dallas 1-Wire® interface with 64-bit ID
■ 1.8V logic levels
■ Low power consumption:
    – Active current: 80μA typical
    – Sleep current: 0.5μA typical




Similar Part No. - DS2770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2770 MAXIM-DS2770 Datasheet
302Kb / 27P
Battery Monitor and Charge Controller
052605
DS2770AE MAXIM-DS2770AE Datasheet
302Kb / 27P
Battery Monitor and Charge Controller
052605
DS2770AE+ MAXIM-DS2770AE+ Datasheet
302Kb / 27P
Battery Monitor and Charge Controller
052605
DS2770AE+025 MAXIM-DS2770AE+025 Datasheet
302Kb / 27P
Battery Monitor and Charge Controller
052605
DS2770AE+025/T&R MAXIM-DS2770AE+025/T&R Datasheet
302Kb / 27P
Battery Monitor and Charge Controller
052605
More results


Similar Description - DS2770

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
Battery Charge Controller
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
Battery Charge Controller
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
Battery Charge Controller
logo
Texas Instruments
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
Battery Charge Controller
logo
Maxim Integrated Produc...
DS2770 MAXIM-DS2770 Datasheet
302Kb / 27P
Battery Monitor and Charge Controller
052605
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com